PART |
Description |
Maker |
87C196KR 87C196KQ 87C196JV 87C196JT 87C196JR 87C19 |
ADVANCED 16-BIT CHMOS MICROCONTROLLER
|
INTEL[Intel Corporation]
|
87C196JT |
Advanced 16-Bit CHMOS Microcontrollers(先进6CHMOS 型微控制 16-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC52
|
Intel, Corp.
|
87C196CB AS87C196CB20 |
20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
|
Intel Corporation
|
87C196KS 87C196KT 27251303 |
20MHz ADVANCED 16-BIT CHMOS MICROCONTROLLER From old datasheet system
|
Intel
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
87C196NT N87C196NT TN87C196NT |
CHMOS MICROCONTROLLER WITH 1 MBYTE LINER ADDRESS SPACE Commercial / Express CHMOS Microcontroller
|
Intel Corporation
|
83C196EA |
CHMOS 16-BIT MICROCONTROLLER
|
INTEL[Intel Corporation]
|
AN87C196LA |
CHMOS 16-BIT MICROCONTROLLER
|
Intel Corp.
|
M80C51FB M80C51 |
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
Intel Corporation
|
8XC54 8XC58 8XC52 80C52 80C32 87C52 87C54 |
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
Intel Corp. Advanced Analogic Technologies
|
80C196EA 27315301 |
CHMOS 16-Bit Microcontroller From old datasheet system
|
Intel
|