PART |
Description |
Maker |
85052-0593 0850520593 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits
|
Molex Electronics Ltd.
|
85052-0191 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
|
Molex Electronics Ltd.
|
85052-0696 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 32 Circuits
|
Molex Electronics Ltd.
|
0850132127 85013-2127 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1μm (40μ) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1楼矛m (40楼矛) Selective Gold (Au), 48 Circuits, Lead free
|
Molex Electronics Ltd.
|
0850133225 85013-3225 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1μm (40μ) Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1楼矛m (40楼矛) Selective Gold (Au), 64 Circuits, Lead free
|
Molex Electronics Ltd.
|
0850150218 85015-0218 |
2.54mm (.100) Pitch DIN 41612 Header, 4-Row C-Pin, Press-Fit Style R Reverse
|
Molex Electronics Ltd.
|
0850132464 |
2.54mm (.100) Pitch DIN 41612 Header, C-Pin Press-Fit Style R Reverse, 96 Circuits
|
Molex Electronics Ltd.
|
0850540000 85054-0000 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse 4-Row, 128 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
85013-1108 0850131108 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Style R Reverse, 0.6um (24u) Selective Gold (Au)
|
Molex Electronics Ltd.
|
0850131768 85013-1768 |
2.54mm (.100) Pitch DIN 41612 Header, Style R/2 Reverse, 1μm (40μ) Selective Gold (Au) ,48 Circuits
|
Molex Electronics Ltd.
|
16M0WC 16M0WS 16M0X 16M0XC 16M0XS 16M0 16M0B 16M0B |
60V 300mA MONOLITHIC DIODE ARRAY 6 PIN MINI DIN CABLE MF 3 FT 6 PIN MINI DIN CABLE MF 10 FT APPLE IIC CABLE TO IWRTR MODEM 6 PIN MINI DIN CABLE MF 2FT PC SERIAL MODEM CBL 50 FT 6 PIN MINI DIN FF 10-FT 6 PIN MINI DIN CABLE MM 2FT 6 PIN MINI DIN FF 6 MINI DIN 8, MALE-MALE 15 FT. 6 PIN MINI DIN CABLE MM 3FT 6 PIN MINI DIN CABLE MM 10 FT 6 PIN MINI DIN CABLE FF 2FT KEYBD.EXT. MINI DIN 4 MM 10 FT KEYBD.EXT. MINI DIN 4 MM 6 FT 6 PIN MINI DIN CABLE FF 3 FT MINI DIN 8, MALE-MALE 10 FT. Connector assemblies, Keyboard Computer cables; 6 PIN MINI DIN CABLE MF 10 FT 0.3 A, 16 ELEMENT, SILICON, SIGNAL DIODE 6 PIN MINI DIN CABLE MF 3 FT 0.3 A, 16 ELEMENT, SILICON, SIGNAL DIODE 6 PIN MINI DIN CABLE MM 3FT 0.3 A, 16 ELEMENT, SILICON, SIGNAL DIODE
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LOWELL
|
1N3821A 1N3822A 1N3828ATR 1N3828AUR-1TR 1N3822ATR |
Zener Voltage Regulator Diode DIN Rail Mount SSR RoHS Compliant: Yes 1瓦稳压二极管 ALLIG CL PATCH CORD (BLACK) RoHS Compliant: Yes 瓦稳压二极管 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 5.6 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-202AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-202AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 5.1 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB GT 11C 11#16 SKT RECP BOX 1瓦稳压二极管 Earth Ground Resistance Meter; Kit Contents:; Resistance Measuring Range:; Voltage Measuring Range AC: RoHS Compliant: NA 瓦稳压二极管 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 36 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-202AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 4.3 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 6.8 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-202AA GT 8C 8#16 PIN RECP BOX 36 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-202AA Analog Insulation & Continuity Meter RoHS Compliant: NA 瓦稳压二极管 FKIC 2.5/ 5-ST-5.08 6.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 5.6 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 6.2 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 6.2 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 RELAY SSR SPST-NO 100VDC 3A DIN 瓦稳压二极管 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) RELAY SSR SPST-NO 240VAC 5A DIN 瓦稳压二极管 GT 14C 14#16 SKT RECP BOX IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,SIP Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes RELAY SSR SPST-NO 240VAC 4A PCB SILICON 1 WATT ZENER DIODES
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
|