PART |
Description |
Maker |
74ABT573 74ABT573CMSA 74ABT573CMTC 74ABT573CPC 74A |
8-Bit D-Type Latch 8位D型锁存器 825MHz to 915MHz, SiGe High-Linearity Active Mixer Octal D-Type Latch with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor, Corp.
|
74VCX16373-D 74VCX16373DT |
8-Bit D-Type Latch 8位D型锁存器 Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
DM74ALS563A DM74ALS563AWM DM74ALS563AN DM74ALS563A |
From old datasheet system Octal D-Type Transparent Latch with 3-STATE Output 8-Bit D-Type Latch RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.42Vf 0.4mA-ir PowerDI-123 3K/REEL
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74ACT32701LB 74ACT32701LBR 74ACT32701 |
16-BIT D-TYPE LATCH PULS 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED) 16-BIT D-TYPE LATCH PLUS 16-BIT BUS BUFFER WITH 3-STATE OUTPUT (NON INVERTED)
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
NC7SZ373 NC7SZ373L6X NC7SZ373P6X |
20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor LVC/LCX/Z SERIES, 1-BIT DRIVER, TRUE OUTPUT, PDSO6 TinyLogic UHS D-Type Latch with 3-STATE Output TinyLogic UHS D-Type Latch with 3-STATE Output
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74AUP1G373GF 74AUP1G373GN |
Low-power D-type transparent latch; 3-state 低功D型透明锁存器;3 Low-power D-type transparent latch; 3-state AUP/ULP/V SERIES, POSITIVE EDGE TRIGGERED D LATCH, TRUE OUTPUT, PDSO6
|
NXP Semiconductors N.V.
|
M74HC77 |
4-BIT D-TYPE LATCH
|
STMicro
|
GD74HCT373D |
8-Bit D-Type Latch
|
|
DM74ALS873N/B |
4-Bit D-Type Latch 4位D型锁存器
|
EPCOS AG
|
5962-90585013X |
8-Bit D-Type Latch 8位D型锁存器
|
Advanced Monolithic Systems, Inc.
|