PART |
Description |
Maker |
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCX16373DTR 74VCX16373 74VCX16373DT |
Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
|
ONSEMI[ON Semiconductor]
|
74LVT16373 74LVTH16373 |
Low Voltage 16-Bit Transparent Latch From old datasheet system
|
Fairchild
|
74VCX16373MTD 74VCX16373 74VCX16373MTDXNL |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCXH16373 74LCXH16373MTD 74LCXH16373GX 74LCXH163 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system 8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC145472FE MC74LCX16373DT ON1550 MC74LCX16373 |
From old datasheet system LOW-VOLTAGE CMOS 16-BIT TRANSPARENT LATCH
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
74VCXH16373 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system
|
Fairchild
|
74VCXH162373 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system
|
Fairchild
|
74LCX16841 74LCX16841MEA 74LCX16841MTD |
Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74VCXH16373-D 74VCXH16373/D |
16 BIT MCU/DSP 80LD 30 MIPS 132KB FLASH PB FREE, -40C to 85C, 80-TQFP, T/R Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74VCX162373MTDX |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor
|