PART |
Description |
Maker |
HD74LS373PDIP 74LS373 HD74LS373P HD74LS373 HD74LS3 |
IC,LATCH,SINGLE,8-BIT,LS-TTL,DIP,20PIN,PLASTIC Octal D-type Transparent Latches(with three-state outputs) Octal D-type Transparent Latches with noninverted 3-state output
|
Hitachi,Ltd. Hitachi America HITACHI[Hitachi Semiconductor]
|
74LVC162373A 74LVC162373ADGG 74LVC162373ADL 74LVC_ |
16-bit D-type transparent latch with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω系列终端电阻器,5V输入/输出容限6位D透明锁存器(三态)) 16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state From old datasheet system
|
Philips Semiconductors
|
MB90W214BZF MB90W214A MB90214 MB90W214ZF MB90P214A |
16-Bit Transparent D-type Latches With 3-State Outputs 48-CFP -55 to 125 16-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQFP80 16-bit Proprietary Microcontroller
|
Fujitsu, Ltd. http:// Fujitsu Component Limited.
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
54LVTH16373RPFS 54LVTH16373 54LVTH16373RPFB 54LVTH |
3.3V ABT16-Bit Transparent D-Type Latches
|
MAXWELL[Maxwell Technologies]
|
HD74LVC16373A HD74LVC16373ATEL |
16-bit D-type Transparent Latches with 3-state Outputs
|
Renesas Electronics Corporation
|
IDT74AUC32373 |
1.8V CMOS 32-Bit Transparent D-Type Latch with 3-State Outputs
|
IDT
|
DM74AS873 |
Dual 4-Bit D-Type Transparent Latches From old datasheet system
|
Fairchild
|
74AVC16373 74AVC16373DGG 74AVC16373_2 |
From old datasheet system 16-bit D-type transparent latch; 3.6 V tolerant; 3-state
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74LVT16373A 74LVT16373ADGG 74LVT16373ADL 74LVT1637 |
3.3V LVT 16-bit transparent D-type latch 3-State From old datasheet system
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74ALVCH162373PAG |
IC LOGIC 162373 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 3.3V -40 85C TSSOP-48 39/TUBE ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Integrated Device Technology, Inc.
|