PART |
Description |
Maker |
74LVT16244 74LVT16244MTDX 74LVTH16244MEA 74LVTH162 |
4K, 512 X 8, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE Low Voltage16-Bit Buffer/Line Driver Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LVT162240 74LVT162240MEA 74LVT162240MTD 74LVTH16 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LCXH162244 74LCXH162244MEA 74LCXH162244MTD |
Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs 低电6位缓冲器/线与Bushold6з电阻的输出驱动器系列 Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp.
|
74LCXZ16244 74LCXZ16244MEA 74LCXZ16244GX 74LCXZ162 |
Quad 4-Bit Buffer/Driver 4位缓冲器/驱动 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
|
PRECI-DIP SA Fairchild Semiconductor
|
74LCXH162244 74LCXH162244MEA 74LCXH162244MTX 74LCX |
Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26-Ohm Series Resistors in Outputs From old datasheet system
|
Fairchild Semiconductor
|
74LVQ244 74LVQ244_01 74LVQ244QSC 74LVQ244SC 74LVQ2 |
8K, 1K X 8 2.5V SERIAL EE, -40C to 85C, 8-SOIC 150mil, T/R Dual 4-Bit Non-Inverting Buffer/Driver From old datasheet system Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVC162827 74ALVC162827T 74ALVC162827TX |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in the Outputs Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in the Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX760 74LCX760MSA 74LCX760MTC 74LCX760SJ 74LCX7 |
BUFFER/DRIVER|DUAL|4-BIT|LCX-CMOS|SOP|20PIN|PLASTIC From old datasheet system Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] http://
|
74LCX16244 74LCX16244MEA 74LCX16244MTD 74LCX16244C |
Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74ALVCH16244 74ALVCH16244T 74ALVCH16244TX |
Low Voltage 16-Bit Buffer/Line Driver with Bushold From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX16240MEA 74VCX16240MEAX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|