PART |
Description |
Maker |
74LCX543WM 74LCX543WMX |
Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
MC74LCX646DW MC74LCX646 ON1572 MC74LCX646DT MC74LC |
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER From old datasheet system
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
74ACTQ544 74ACQ544 74ACQ544CW 74ACQ544SC 74ACQ544S |
Quiet Series⑩ Octal Registered Transceiver with 3-STATE Outputs Quiet Series Octal Registered Transceiver with 3-STATE Outputs From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVTH2245WMX 74LVT2245 74LVT2245MSA 74LVT2245MSAX |
8-Bit Identity/Magnitude Comparators 20-PDIP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Series Resistors in the B Port Outputs Dual 4-to-1 Channel Analog Multiplexer/Demultiplexer with Injection Current Effect Control 16-TSSOP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25ヘ Series Resistors in the B Port Outputs Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LVQ273_01 74LVQ273 74LVQ273QSC 74LVQ273SC 74LVQ2 |
Low Voltage Octal D Flip-Flop Low Voltage Octal D-Type Flip-Flop From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVTH16543 74LVTH16543MEA 74LVTH16543MTD |
Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVTH16952 74LVTH16952MEA 74LVTH16952MTD |
Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|