PART |
Description |
Maker |
74LVT16374 74LVTH16374 74LVT16374GX 74LVTH16374GX |
32K, 4K X 8, 2.5V SER EE EXT, -40C to 125C, 8-SOIC 208mil, T/R 触发器| 16位| D型|小型终端/ ALVT,BICMOS工艺| SSOP封装| 48PIN |塑料 Low Voltage 16-Bit D-Type Flip-Flop From old datasheet system Low Voltage 16-Bit D Flip-Flop with 3-STATE Outputs
|
ON Semiconductor Fairchild Semiconductor
|
74ALVC16374 74ALVC16374GX 74ALVC16374MTD 74ALVC163 |
16-Bit D-Type Flip-Flop 16D型触发器 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
|
ON Semiconductor Fairchild Semiconductor
|
74LCX162374 74LCX162374GX 74LCX162374MEA 74LCX1623 |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26з Series Resistors LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Series Resistors From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistors Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVX16374 74LVX16374TTR |
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
|
ST Microelectronics STMicroelectronics
|
74VCXH16374MTD 74VCXH16374 74VCXH16374GX |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVTH322374 74LVTH322374GX |
Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25з Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25 Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs (Preliminary)
|
FAIRCHILD[Fairchild Semiconductor]
|
MC74VCX16374 ON1627 |
LOW-VOLTAGE 1.65/2.5/3.3V 16-BIT D-TYPE FLIP-FLOP From old datasheet system
|
ON Semi
|
74VCX16821 |
Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant From old datasheet system
|
Fairchild
|
TC74LCX16374AFT |
Low-Voltage 16-Bit D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
|
TOSHIBA
|
TC74VCX162821FT |
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
TOSHIBA[Toshiba Semiconductor]
|
74VCX32374G 74VCX32374 |
Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
TC74VCX162721FT |
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|