PART |
Description |
Maker |
MC74LCX16374DTG MC74LCX1637412 M74LCX16374DTR2G |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
MC74LCX16374 MC74LCX16374DT ON1551 |
From old datasheet system LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
|
Motorola, Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
74ALVCH16374TTR 74ALVCH16374 74ALVCH16374T |
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
RHRXH162374K-02Q RHRXH162374K-02V RHRXH162374K-01Q |
Rad hard low voltage CMOS 16-bit D-type Flip-Flop with 3.6V tolerant inputs and outputs
|
STMicroelectronics
|
54VCXH16237411 |
Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
|
STMicroelectronics
|
SMCG5643A SMCJ5637 SMCG5653 SMCJ5660 SMCJ5661A SMC |
Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB Zener Diode; Zener Voltage Typ, Vz:200V; Vz Test Current, Izt:65mA; Power Dissipation, Pd:50W; Package/Case:DO-5; Mounting Type:Through Hole 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Quad Exclusive-NOR Gate 14-SOIC -55 to 125 CMOS Quad Exclusive-NOR Gate 14-PDIP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-CDIP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-SOIC -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-PDIP -55 to 125 CMOS Triple 3-Input OR Gate 14-CDIP -55 to 125 CMOS Triple 3-Input OR Gate 14-TSSOP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-SO -55 to 125 CMOS Triple 3-Input OR Gate 14-SO -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-TSSOP -55 to 125 CMOS Quad Exclusive-NOR Gate 14-CDIP -55 to 125
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
BXB100-48S05FLT BXB100-48S15FLT BXB100 BXB100-24S1 |
Low voltage octal bus buffer with 3 state outputs (non inverted) Quad exclusive OR gate Quad bilateral switch Low voltage octal bus buffer with 3 state outputs (inverted) Low voltage CMOS octal D-type latch with 3 state outputs non inverting Low voltage CMOS quad 2-input OR gate Octal D-type flip flop with clear 66-100W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
BS62LV2563TC BS62LV2563TI BS62LV2563 BS62LV2563DC |
5V ECL Differential Receiver; Package: SOIC; No of Pins: 8; Container: Rail Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM32K的8 Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM2K的8
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
E0C6S46 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200 4-Bit CMOS Core CPU,Dot Matrix LCD Driver,Programmable SVD Circuit/Sound Generator(4位高级的、CMOS、单片微型计算机(含4位E0C62000中央处理器核点阵LCD驱动器,可编程SVD电路/声音发生器))
|
爱普生(中国)有限公
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|