PART |
Description |
Maker |
SL74HC158D SL74HC158 SL74HC158N |
Quad 2-Input Data Selectors/Multiplexers
|
SLS[System Logic Semiconductor]
|
GD74HCT298 |
Quad 2 Input Multiplexers with Output Latch
|
LG
|
MC74HC157A05 MC74HC157AFEL MC74HC157AFELG MC74HC15 |
Quad 2−Input Data Selectors / Multiplexers
|
ONSEMI[ON Semiconductor]
|
MC74HC157 54HC157 MC54HC157 MC54HC157AJ MC74HC157A |
Quad 2-Input Data Selectors/Multiplexers 输入数据选择多路复用
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|
QS74FCT257T |
(QS74FCT157T/QS74FCT158T) High Speed CMOS Quad 2 Input Multiplexers
|
Quality
|
SAB83C515A-5N18-T3 SAB80C515A-M18-T3 SAB80C515A-N1 |
8-Bit CMOS Single-Chip Microcontroller High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125
|
SIEMENS AG
|
74ALVC32 74ALVC32MTC 74ALVC32M 74ALVC32MX |
LOGIC GATE|QUAD 2-INPUT OR|AVC/ALVC-CMOS|SOP|14PIN|PLASTIC ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14 Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC14093BCL MC14093B ON0871 MC14093BCP MC14XXXBCL M |
QUAD 2 INPUT NAND SCHMITT TRIGGER From old datasheet system ORDERING INFORMATION IEEE 802.3af PoE Powered Device Controllers 8-TSSOP -40 to 85 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
DM74AS32 DM74AS32M DM74AS32N DM74AS32SJ DM74AS32MX |
Quad 2-Input OR Gate AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74HCT157DTR2G 74HCT157DR2G 74HCT157.REV1 |
74HCT157 Data Sheet Quad 2−Input Data Selectors / Multiplexers High−Performance Silicon−Gate CMOS
|
ON Semiconductor
|
M74HC32 M74HC32B1 M74HC32RM13TR M74HC32TTR M74HC32 |
QUAD 2-INPUT OR GATE QUAD 2-INPUT OR GATE 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 20-LCCC -55 to 125
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|