PART |
Description |
Maker |
LC866408 LC866412 LC866416 LC866420 LC866424 SANYO |
Octal D-Type Flip-Flops With Clear 20-SO -40 to 85 Octal D-Type Flip-Flops With Clear 20-SOIC -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-VQFN -40 to 85 8-Bit Single Chip Microcontroller with the UVEPROM
|
http:// Sanyo Electric Co.,Ltd.
|
HD74HC574 HD74HC564 HD74HC574FP HD74HC574P HD74HC5 |
FLIP-FLOP|OCTAL|D TYPE|HC-CMOS|SOP|20PIN|PLASTIC 触发器|八路| D型系列| HC - CMOS制|专科| 20针|塑料 FLIP-FLOP|OCTAL|D TYPE|HC-CMOS|DIP|20PIN|PLASTIC Octal D-type Flip-Flops (with 3-state outputs)
|
HITACHI[Hitachi Semiconductor]
|
IS61S6432-117TQI IS61S6432-117TQ IS61S6432-117PQI |
Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP -40 to 85 Octal D-Type Transparent Latches With 3-State Outputs 20-SSOP -40 to 85 Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC -40 to 85 64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
|
SRAM Integrated Silicon Solution Inc Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] ISSI[Integrated Silicon Solution Inc]
|
MM74HCT373 MM74HCT373WM MM74HCT373SJ MM74HCT373MTC |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per 3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MM74HCT374 MM74HCT373 MM74HCT373WMX MM74HCT374WMX |
3-STATE Octal D-Type Flip-Flop 3-STATE Octal D-Type Latch •
|
Fairchild Semiconductor
|
MM74HC574WM MM74HC574SJX |
3-STATE Octal D-Type Edge-Triggered Flip-Flop IC,FLIP-FLOP,OCTAL,D TYPE,HC-CMOS,SOP,20PIN,PLASTIC
|
Fairchild Semiconductor Corp
|
HD74LS373PDIP 74LS373 HD74LS373P HD74LS373 HD74LS3 |
IC,LATCH,SINGLE,8-BIT,LS-TTL,DIP,20PIN,PLASTIC Octal D-type Transparent Latches(with three-state outputs) Octal D-type Transparent Latches with noninverted 3-state output
|
Hitachi,Ltd. Hitachi America HITACHI[Hitachi Semiconductor]
|
ISL6244HRZ-T ISL6244HR-T ISL6244CRZ ISL6244CRZ-T |
Octal D-Type Transparent Latches With 3-State Outputs 20-SO -40 to 85 Test Probe; Range:-32deg to 500degF RoHS Compliant: NA Multi-Phase PWM Controller Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP -40 to 85
|
INTERSIL CORP
|
74LVC2244 74LVC2244A 74LVC2244AD 74LVC2244ADB 74LV |
Octal D-Type Flip-Flops With Clear 20-SOIC -40 to 85 Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SN54_74LS373 SN54_74LS374 ON2917 |
OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT From old datasheet system
|
ON Semi
|