PART |
Description |
Maker |
74AHCT2G126 74AHC2G126 74AHC2G126DC 74AHC2G126DP 7 |
74AHC2G126; 74AHCT2G126; Dual buffer/line driver; 3-state
|
PHILIPS[Philips Semiconductors]
|
DG387BDJ-E3 DG381BDJ-E3 DG384BDJ-E3 |
DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP14 DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP14 ANLG SW DUAL SPST 22V/36V 14PDIP - Bulk IC SWITCH DUAL CMOS 14DIP Analog Switch Dual DPST 16-Pin PDIP
|
VISHAY SILICONIX
|
LTC4221-15 |
Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
|
Linear Technology
|
A3966SA A3966SLB A3966 3966 |
DUAL FULL-BRIDGE PWM MOTOR DRIVER DIODE SWITCHING DUAL-DUAL SERIES 70V 250mA-Io 200mW 4ns-trr SOT-363 3K/REEL 双全桥PWM电机驱动
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
IDT72V845L15PF IDT72V845L20PF IDT72V805L15PFI IDT7 |
15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Box 15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 8 Input, 6 Output Video Switch Matrix with Output Drivers; Package: TSSOP; No of Pins: 24; Container: Rail 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 3.3伏CMOS双SyncFIFO56 × 18,双512 × 18,双1,024 × 18,双2,048 × 18
|
Integrated Device Technology, Inc.
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
OMA2541SK OMA2541SKC OMA2541SD OMA2541SKB OMA2541S |
DUAL OP-AMP, 2000 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, MBFM8 Dual Hi-Rel Operational Amplifier in a TO-3-8 package DUAL HIGH POWER OPERATIONAL AMPLIFIER
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
RP60-483.3SE RP60-1205DE RP60-1205SE RP60-1212DE R |
60 Watt Single, Dual & Positive Dual Output D-Subminiature Connector; Gender:Male; No. of Contacts:51; Contact Termination:Solder; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackpost; Peak Reflow Compatible (260 C):No RoHS Compliant: No 60 Watt Single, Dual & Positive Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
TC395CL TC390 TC390AL TC390CL TC391 TC391AL TC391C |
DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER High Noise Immunity Logic
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Microsemi
|
IDT7015L17PFB IDT7015S17PFB IDT7015L12JB IDT7015S1 |
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 17 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 高K的9双端口静态RAM HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 LED/TAPE AND REEL OR BULK//YELLOW RIGHT ANGLE 8K X 9 DUAL-PORT SRAM, 35 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, CPGA68
|
Integrated Device Technology, Inc.
|
LM393AFE LM393FE LM393N LM193FE LM193A LM293AN LM2 |
Low power dual voltage comparator DUAL COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, CDIP8 LM193/293/393/A/2903 Dual Voltage Comparator
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|