PART |
Description |
Maker |
74VHCT74A 74VHCT74AM 74VHCT74ASJ 74VHCT74 74VHCT74 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 AHCT/VHCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP14 Dual D-Type Flip-Flop with Preset and Clear AHCT/VHCT/VT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74AUP2G79GF 74AUP2G79GS |
Low-power dual D-type flip-flop; positive-edge trigger AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
CD40174BMS FN3359 |
CMOS Hex ‘D?Type Flip-Flop CMOS Hex ‘D’-Type Flip-Flop From old datasheet system CMOS Hex ??Type Flip-Flop CMOS Hex D-Type Flip-Flop D-Type Flip Flop, Hex, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
74AUP2G80GT 74AUP2G80GM 74AUP2G80DC 74AUP2G80 74AU |
Low-power dual D-type flip-flop; positive-edge trigger; Package: SOT833-1 (XSON8U); Container: Reel Pack, SMD, 7" AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
ACTS74HMSR-02 |
Dual D Type Flip Flop with Set and Reset, Advanced Logic, CMOS; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) ACT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC14
|
Intersil, Corp.
|
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
74AUP2G80GD125 74AUP2G80GM125 |
Low-power dual D-type flip-flop; positive-edge trigger; Package: SOT996-2 (XSON8U); Container: Reel Pack, Reverse, Reverse AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8 Low-power dual D-type flip-flop; positive-edge trigger; Package: SOT902-1 (XQFN8U); Container: Reel Pack, Reverse, Reverse
|
NXP Semiconductors N.V.
|
74LVX112M 74LVX112MTC 74LVX112 74LVX112SJX |
J-K-Type Flip-Flop Low Voltage Dual J-K Flip-Flops with Preset and Clear From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PI74STX1G79TX PI74STX1G79 PI74STX1G79CX |
FLIP-FLOP|SINGLE|D TYPE|CMOS|TSSOP|6PIN|PLASTIC 触发器|单| D型|的CMOS | TSSOP封装| 6针|塑料 SOTiny Gate STX Single Positive-Edge-Triggered D-Type Flip-Flop
|
Pericom Semiconductor, Corp. PERICOM[Pericom Semiconductor Corporation]
|
74LVTH374 74LVT374 74LVT374WMX 74LVTH374WMX 74LVTH |
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system Octal D-Type Flip-Flop 八路D类触发器
|
Fairchild Semiconductor, Corp.
|
74AC377MTC |
Octal D-Type Flip-Flop with Clock Enable AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|