PART |
Description |
Maker |
CD4049UBC CD4049UBCM CD4049UBCN CD4050 CD4050BCM C |
Hex Inverting Buffer . Hex Non-Inverting Buffer 六角反相缓冲。六角非反相缓冲 Hex Inverting Buffer . Hex Non-Inverting Buffer 4000/14000/40000 SERIES, HEX 1-INPUT NON-INVERT GATE, PDSO16
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ASMP5P23S04A ASM5P23S04AF-1-08-SR ASM5P23S04AF-1-0 |
23S SERIES, PLL BASED CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 3.3V ‘SpreadTrak?/a> Zero Delay Buffer 3.3V ‘SpreadTrak Zero Delay Buffer 3.3V 隆庐SpreadTrak隆炉 Zero Delay Buffer
|
PulseCore Semiconductor
|
CLM4121 CLM4121M CLM4121N CLM4321N CLM4321 CLM4321 |
RES 2.49K RN55D 1% MF High Speed Buffer BUFFER AMPLIFIER, PDIP8
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
CY23FS08OXC CY23FS08OXCT CY23FS08OXIT CY23FS0811 C |
Failsafe 2.5 V/3.3 V Zero Delay Buffer Failsafe™ 2.5V/ 3.3V Zero Delay Buffer 166.7 MHz, OTHER CLOCK GENERATOR, PDSO28 Failsafe?2.5 V/3.3 V Zero Delay Buffer
|
Cypress Semiconductor, Corp.
|
W15202 W152 W152-4G W152-1G W152-2G W152-11G W152- |
Spread Aware(TM)-designed to work with SSFTG reference signals Spread Aware™, Eight Output Zero Delay Buffer PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 Spread Aware? Eight Output Zero Delay Buffer Spread Aware?? Eight Output Zero Delay Buffer Spread Aware垄芒, Eight Output Zero Delay Buffer
|
Cypress Semiconductor, Corp.
|
SI53115 |
15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
|
Silicon Laboratories
|
MM74C901 MM74C901M MM74C901N MM74C902M MM74C902N M |
Linear Motion Control; Series:LCP12; Track Resistance:5kohm; Resistance Tolerance: /-20%; Power Rating:0.7W; Resistor Element Material:Conductive Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer Hex Inverting TTL Buffer • From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74FR2240 74FR2240SC 74FR2240PC |
Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
EL5421TIYZ EL5421TIYZ-T7 EL5421TIYZ-T13 |
QUAD BUFFER AMPLIFIER, PDSO10 ROHS COMPLIANT, PLASTIC, MO-187BA, MSOP-10 12MHz Rail-to-Rail Input-Output Buffer
|
Intersil, Corp. Intersil Corporation
|
HD74AC244 HD74ACT244 HD74ACT244P |
Dual 4-Bit Non-Inverting Buffer/Driver Octal Buffer/Line Driver with 3-State Output
|
Hitachi Semiconductor
|
HA4P5002-5Z |
110MHz, High Slew Rate, High Output Current Buffer BUFFER AMPLIFIER, PQCC20
|
Intersil, Corp.
|
CAT29F150N-12T CAT29F150T-20B CAT29F150T-20T CAT29 |
x8 Flash EEPROM MediaClock 27-MHz VCXO Clock Generator 13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs 18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs Low-Cost 3.3V Spread Aware Zero Delay Buffer 200-MHz Field Programmable Zero Delay Buffer Low-Cost 3.3V Zero Delay Buffer Failsafe 2.5V/ 3.3V Zero Delay Buffer MediaClock PDP Clock Generator MediaClock Multimedia Clock Generator MediaClock DTV, STB Clock Generator MediaClock™ 27-MHz VCXO Clock Generator x8闪存EEPROM 3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs x8闪存EEPROM Low-Cost 3.3V Spread Aware™ Zero Delay Buffer
|
Cypress Semiconductor Corp. Alliance Semiconductor, Corp.
|