PART |
Description |
Maker |
HGTP2N120BND HGT1S2N120BNDS HGT1S2N120BNDS9A |
12A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(12A, 1200V, NPT系列N沟道绝缘栅双极型晶体 72 MACROCELL 5 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 2 A, 1200 V, N-CHANNEL IGBT, TO-220AB 12 A, 1200 V, N-CHANNEL IGBT, TO-263AB
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
X40020V14I-C X40020V14I-B X40020V14I-A |
DIODE, STANDARD, 95A, 400V, STUD; Voltage, Vrrm:400V; Current, If av:95A; Case style:E12; Current, Ifs max:700A; Diode type:Standard recovery; Polarity, diode:Stud Anode; Thread size:M8; Voltage, forward at If:1.5V RoHS Compliant: Yes Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1600V; Forward Current Avg Rectified, IF(AV):50A; Non Repetitive Forward Surge Current Max, Ifsm:700A; Forward Voltage Max, VF:1.6V; Package/Case:SO-32B DIODE, STUD 50A 1200VDIODE, STUD 50A 1200V; Voltage, Vrrm:1200V; Current, If av:50A; Current, Ifs max:700A; Voltage, forward at If:1.6V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Anode
|
Intersil Corporation
|
2SC3992 |
NPN Triple Diffused Planar Silicon Transistor 800V/12A Switching Regulator Applications
|
SANYO
|
12FR120 12FR120M A12FR120 A12FR120M 12FR100 12FR10 |
STANDARD RECOVERY DIODES Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Green/Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test RoHS Compliant: Yes 标准恢复二极 STANDARD RECOVERY DIODES 标准恢复二极 CAPACITOR 8200UF 25V ELEC TSHA WIRE 18AWG WHITE UL 1015 600V UL STYLE 1015, CSA TYPE TEW, 600V, 105C, GREEN W. YELLOW WIRE, UL1015, 18AWG (16X30G), 600V, RED 100V 12A Std. Recovery Diode in a DO-203AA (DO-4)package 1000V 12A Std. Recovery Diode in a DO-203AA (DO-4)package 1200V 12A Std. Recovery Diode in a DO-203AA (DO-4)package 400V 12A Std. Recovery Diode in a DO-203AA (DO-4)package 600V 12A Std. Recovery Diode in a DO-203AA (DO-4)package 800V 12A Std. Recovery Diode in a DO-203AA (DO-4)package
|
International Rectifier, Corp. IRF[International Rectifier]
|
2SC4108 0432 |
NPN Triple Diffused Planar Silicon Transistor 400V/12A Switching Regulator Applications From old datasheet system
|
Sanyo
|
SBA120-18J |
180V/ 12A Rectifier SWITCH PUSHBUTTON PANEL SEALED 180V 12A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 180V, 12A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
2SC4633LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 30mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/30mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
IGP01N120H2 IGB01N120H2 IGD01N120H2 IGB01N120H2E30 |
1200V HighSpeed2 and 600V HighSpeed IGBT for switching frequency from 30kHz upwards. Focus applications: Lamp ballast, power supplies ... IGBTs & DuoPacks - 1A 1200V HighSpeed2 IGBT D2Pak IGBTs & DuoPacks - 1A 1200V HighSpeed2 IGBT DPak IGBTs & DuoPacks - 1A 1200V HighSpeed2 IGBT TO220 HighSpeed 2-Technology From old datasheet system
|
INFINEON[Infineon Technologies AG]
|
2SB826 2SB826R |
TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 12A I(C) | TO-220AB POWER TRANSISTORS(12A,50V,40W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
2SB922L 2SD1238L 2SD1238LR 2SB922LS |
Dual/Triple-Voltage µP Supervisory Circuits TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 12A I(C) 80V/12A Switching Applications
|
SANYO[Sanyo Semicon Device]
|
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 |
:SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt :SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage :SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2 RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm; Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8 IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
S48SA1R806PRFA S48SA1R806PTFB S48SA3R310PRFB DELTA |
Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out 德尔福系列S48SA3W系列DC / DC电源模块:在48V电压.2V/12A Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out 德尔福系列S48SA33W系列DC / DC电源模块:在48V电压.2V/12A
|
Delta Electronics, Inc.
|
|