PART |
Description |
Maker |
59230-5-T-01-A 59230-5-T-01-C 59230-5-T-02-A 59230 |
Robust Lever Arm Sensor Features and Benefits
|
HAMLIN Position and Movement Sensor Solutions
|
59036-X-T-01-A 59036X-T-03-A 59036X-T-03-C 59036X- |
Clamp Sensor Features and Benefits
|
HAMLIN Position and Movement Sensor Solutions
|
59085-1-T-S-A 59085-1-T-S-C 59085-1-T-S-D 59085-1- |
Vane Sensor Features and Benefits
|
HAMLIN Position and Movement Sensor Solutions
|
A82DL16X4T A82DL1634 A82DL1644 A82DL1624 A82DL1624 |
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Locking Lever; Switch Terminals:Solder Lug; Current Rating:6A; Mounting Type:PCB; Switch Features:Locking Lever Actuator RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-(On); Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Current Rating:6A; Mounting Type:PCB; Switch Features:Bat Actuator; No. of Switch Positions:3 RoHS Compliant: Yes Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S 堆叠式多芯片封装(MCP)闪存和SRAM,A82DL16x4T(ü)16兆位Mx8 Bit/1Simultaneous行动闪存M56Kx16位)新币 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S 堆叠式多芯片封装(MCP)闪存和SRAMA82DL16x4T(ü)16兆位Mx8 Bit/1Simultaneous行动闪存M56Kx16位)新币
|
AMIC Technology Corporation AMIC Technology, Corp.
|
AT91R40807 AT91R40807-33AI AT91R4080702 AT91R40807 |
ARM? Thumb? Microcontrollers AT91 ARM Thumb Microcontrollers 32-BIT, MROM, 33 MHz, RISC MICROCONTROLLER, PQFP100
|
ATMEL[ATMEL Corporation] Atmel, Corp.
|
XBEE-PROXSC |
Digi’s latest XBee-PRO XSC module features two times the throughput and 20 times less current draw than the previous XSC module, making it ideal for long-range sensor applications.
|
List of Unclassifed Manufacturers
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
M87C257 M87C257-10 M87C257-10C1TR M87C257-10C1X M8 |
ADDRESS LATCHED 256K (32K x 8) UV EPROM and OTP EPROM From old datasheet system SWITCH LEVER SPDT 1A SOLDER TERM Aluminum Electrolytic Capacitor; Capacitor Type:High Voltage; Voltage Rating:400VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-20 C to 105 C; Capacitance:33uF; Capacitance Tolerance: /- 20% RoHS Compliant: Yes TW Series Toggle Switch, 2 pole, 3 position, H58 terminal, Locking Lever ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Straight Lever Actuator, Solder Termination 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Straight Lever Actuator, Quick Connect Termination 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
900-0000 |
3000LB LEVER PRESS
|
Deltron Components
|
PST3121 PST3123 PST3125 PST3127 PST3129 PST3120 PS |
CMOS System Reset DE9PV Thermocouple; Sensor Terminals:Wire Leads; Accuracy:1 %; Features:Standard resistance tolerances down to 2%; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No; Temperature Max:150 C; Type:MS 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
http:// ETC[ETC] MITSUMI[Mitsumi Electronics, Corp.] MITSUMI ELECTRIC CO., LTD. MITSUMI ELECTRIC CO LTD Mitsumi Electronics, Co...
|
7101J2ABE21 7101J1ABE12 7101J1ABE21 7101J1ABE22 71 |
Rocker and Lever Handle Switches
|
ITT[ITT Industries]
|