PART |
Description |
Maker |
MAX6B193A MAX6B193B MAX6B193BESA MAX6B193CESA MAX6 |
3.3-V ABT Octal Buffers/Drivers With 3-State Outputs 20-LCCC 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 3.3-V ABT Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 精密,微功耗,低压差电压基 3.3-V ABT Octal Transparent D-type Latches With 3-State Outputs 20-LCCC -55 to 125 精密,微功耗,低压差电压基 Precision, Micropower, Low-Dropout Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 3.3-V ABT Octal Buffers/Drivers With 3-State Outputs 20-CFP -55 to 125 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 3.3-V ABT Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125 3.3-V ABT Octal Bus Transceivers With 3-State Outputs 20-CFP -55 to 125 3.3-V ABT Octal Transparent D-type Latches With 3-State Outputs 20-CFP -55 to 125 3.3-V ABT Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 3.3-V ABT Octal Transparent D-type Latches With 3-State Outputs 20-CDIP -55 to 125 ±.15kV ESD-Protected.EMC Compliant.230kbps RS-232 Serial Port for Modems[MAX3186/MAX3186CAP/MAX3186CAP-T/MAX3186CWP/MAX3186CWP-T/MAX3186EAP "Precision, Micropower, Low-Dropout Voltage References" Precision Micropower Low-Dropout Voltage References
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
74LVT16646A 74LVT16646ADGG 74LVT166646ADL VT16646A |
3.3V ABT 16-bit bus transceiver 3-State 3.3V ABT 16-bit bus transceiver (3-State)
|
PHILIPS[Philips Semiconductors]
|
HD74LS641-1 HD74LS641-1P |
BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers(non-inverted open-collector outpurs) Octal Bus Transceivers with non-inverted open-collector outputs
|
Hitachi Semiconductor
|
PI74FCT623T PI74FCT623TP PI74FCT623ATP |
FCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDIP20 Single 8-bit Bus Transceiver 位总线收发 FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
|
MtronPTI Pericom Semiconductor Corporation
|
74ABT833 74ABT833D 74ABT833DB 74ABT833N 74ABT833PW |
Octal transceiver with parity generator/checker 3-State ABT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO24
|
NXP Semiconductors N.V. Intersil, Corp. PHILIPS[Philips Semiconductors]
|
HD74LS642-1 HD74LS642-1P |
BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers(inverted open-collector outputs)
|
HITACHI[Hitachi Semiconductor]
|
74ABT244CSJX 74ABT244 74ABT244CMSA 74ABT244CMSAX 7 |
Octal Buffer/Line Driver with 3-STATE Outputs ABT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
M74HC241B1R M74HC241RM13TR M74HC241M1R M74HC241TTR |
HC/UH SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDIP20 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
STMicroelectronics ST Microelectronics
|
MC74LVX244-D MC74LVX244DWR2 |
Octal Bus Buffer With 5V-Tolerant Inputs Octal Bus Driver
|
ON Semiconductor
|
LC866408 LC866412 LC866416 LC866420 LC866424 SANYO |
Octal D-Type Flip-Flops With Clear 20-SO -40 to 85 Octal D-Type Flip-Flops With Clear 20-SOIC -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-VQFN -40 to 85 8-Bit Single Chip Microcontroller with the UVEPROM
|
http:// Sanyo Electric Co.,Ltd.
|
UM236 UM234 UM213 UM238M UM241 UM221M UM202 UM203 |
12 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS Synchronous presettable 4-bit counter OCTAL COUNTER WITH 8 DECODED OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED 7 SEGMENT DISPLAY OUTPUTS 4 bit synchronous up/down counters Quad exclusive NOR gate Low cost field programmable microcontroller peripherals DIFFERENTIAL 4 CHANNLE ANALOG MULTIPLEXER DEMULTIPLEXER N-CHANNEL 600V 0.85 Ohm 7A TO-220/TO-220FP POWERMESH II MOSFET Octal bus buffer with 3 state outputs (non inverted) Octal bus buffer with 3 state outputs (not inverted) Octal bus buffer with with 3 state outputs (non inverted) 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface QUAD 2 INPUT AND GATE 5 bit programmable dual-phase controller 5 bit programmable step down controller with synchronous rectification Quad 2 channel multiplexer (inv.) 12 stage binary counter High-voltage high and low side driver
|
|