PART |
Description |
Maker |
74LVC573ABQ |
Octal D-type transparent latch with 5 V tolerant inputs-outputs; 3-state LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PQCC20 74LVC573A; Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
|
NXP Semiconductors N.V. Philips
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
54LVTH16373RPFB |
3.3V ABT16-Bit Transparent D-Type Latches
|
Maxwell Technologies, Inc
|
74LVCH162373APAG 74LVCH162373APAG8 |
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
|
Integrated Device Techn...
|
ACH16373DL ACH16373DGG |
2.5V/3.3V 16-bit D-type transparent latch 3-State
|
PHILIPS[Philips Semiconductors]
|
HD74LVC16373A |
16-bit D-type Transparent Latches with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74ALVCH16373 |
16-bit Transparent D-type Latches with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
74AVC16373-15 |
16-bit D-type transparent latch; 3.6 V tolerant; 3-state
|
NXP Semiconductors
|
IDT74AUC16373 IDT74AUC16373BVI IDT74AUC16373PAI ID |
1.8V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
|
IDT Integrated Device Technology
|
IDT74ALVCH IDT74ALVCH16373PV IDT74ALVCH16373PA IDT |
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT[Integrated Device Technology]
|
DM74ALS563A DM74ALS563AWM DM74ALS563AN DM74ALS563A |
From old datasheet system Octal D-Type Transparent Latch with 3-STATE Output 8-Bit D-Type Latch RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.42Vf 0.4mA-ir PowerDI-123 3K/REEL
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|