PART |
Description |
Maker |
C501 Q67127-C970 SAB-C501G-L40P SAB-C501G-L40N Q67 |
High Speed CMOS Logic 8-Input Multiplexer/Register with 3-State Outputs 20-PDIP -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Quad 2-Input OR Gates 14-SOIC -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Octal D-Type Flip-Flops with Reset 20-SOIC -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-SOIC -55 to 125 8位CMOS微控制器 8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Addressable Latch 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Addressable Latch 16-PDIP -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Inverting 3-State Outputs 16-SOIC -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125
|
Infineon Technologies A... Infineon Technologies AG SIEMENS AG
|
U74HC14-D14-T UNISONICTECHNOLOGIESCOLTD-U74HC14G-S |
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER HC/UH SERIES, HEX 1-INPUT INVERT GATE, DIP14
|
Unisonic Technologies Co., Ltd.
|
74HC14 |
High-Speed Cmos Logic Hex Inverting Schmitt Trigger
|
Tiger Electronic Co.,Lt...
|
ICE2AS01 Q67040-S4476 |
(ICE2AS01 / ICE2BS01) PWM-FF IC High Speed CMOS Logic Hex Inverting Buffers 16-SO -55 to 125
|
Infineon Technologies AG
|
MM74C901 MM74C901M MM74C901N MM74C902M MM74C902N M |
Linear Motion Control; Series:LCP12; Track Resistance:5kohm; Resistance Tolerance: /-20%; Power Rating:0.7W; Resistor Element Material:Conductive Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer Hex Inverting TTL Buffer • From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BL-B5134-1 BL-B1114 BL-B1132 BL-B1133N BL-B1134 BL |
RESISTOR, 100K, 1/2W, 1%, 2010 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-SOIC -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 STANDARD LED LAMPS(ROUND TYPES) 标准LED节能灯(圆形类型 High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-PDIP -55 to 125 High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-PDIP -55 to 125 RES, 2010 PKG, SMT, 100 OHM, 1%, 1/2 W RES,CHIP,120,1/2W,5%,2010 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 RES, 20 OHM 5% 1/2W
|
Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
BC848 BC847C BC847B BC847A BC849B BC849C BC849 BC8 |
High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-PDIP -55 to 125 SURFACE MOUNT SI-EPITAXIAL PLANARTRANSISTORS
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
CD74HC138SM |
<font color=red>[Old version datasheet]</font> High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
|
TI store
|
M74VHC1GT04DFT1G |
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter AHC/VHC SERIES, 1-INPUT INVERT GATE, PDSO5
|
ON Semiconductor
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|