PART |
Description |
Maker |
89CNQ150ASM 89CNQ 89CNQ135A 89CNQ135ASL 89CNQ135AS |
150V 80A Schottky Common Cathode Diode in a D61-8 package SCHOTTKY RECTIFIER 150V 80A Schottky Common Cathode Diode in a D61-8-SM package 135V 80A Schottky Common Cathode Diode in a D61-8-SM package 150V 80A Schottky Common Cathode Diode in a D61-8-SL package
|
IRF[International Rectifier]
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
MBRF400100 MBRF400100R MBRF40020 MBRF40020R MBRF40 |
SCHOTTKY DIODES MODULE TYPE 400A
|
TRANSYS Electronics Limited
|
MBR40060CTR MBR40020CT MBR40020CTR MBR400100CT MBR |
SCHOTTKY DIODES MODULE TYPE 400A
|
TRANSYS Electronics Limited
|
S30SC4M |
Schottky Rectifiers (SBD) / Center Tap, Common Cathode (Three Terminal Type) RECTIFIER DIODES,COMMON CATHODE,SCHOTTKY,40V V(RRM),TO-247VAR
|
Shindengen Electric Mfg
|
1N6660R 1N6660 |
30 Amp / 45 VOLTS COMMON CATHODE OR COMMON ANODE SCHOTTKY RECTIFIER
|
MICROSEMI[Microsemi Corporation]
|
20CTQ040S 20CTQ045-1 20CTQ045S 20CTQ 20CTQ035-1 20 |
SCHOTTKY RECTIFIER 45V 20A Schottky Common Cathode Diode in a D2-Pak package 40V 20A Schottky Common Cathode Diode in a D2-Pak package 45V 20A Schottky Common Cathode Diode in a TO-220AB package 40V 20A Schottky Common Cathode Diode in a TO-220AB package 35V 20A Schottky Common Cathode Diode in a TO-220AB package 45V 20A Schottky Common Cathode Diode in a TO-262 package 40V 20A Schottky Common Cathode Diode in a TO-262 package 35V 20A Schottky Common Cathode Diode in a TO-262 package SCHOTTKYRECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 35V 20A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier] InternationalRectifier International Rectifier, Corp.
|
151CMQ 151CMQ050 151CMQ035 151CMQ040 151CMQ045 |
DIODE 150 A, 50 V, SILICON, RECTIFIER DIODE, TO-249AA, D-60, MODIFIED TO-249AA, 9 PIN, Rectifier Diode SCHOTTKY RECTIFIER 35V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package 40V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package 45V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package
|
Vishay Semiconductors IRF[International Rectifier]
|
83CNQ080ASM 83CNQ080A 83CNQ100ASM 83CNQ100ASL 83CN |
80V 80A Schottky Common Cathode Diode in a D61-8-SL package 100V 80A Schottky Common Cathode Diode in a D61-8-SL package 80V 80A Schottky Common Cathode Diode in a D61-8-SM package 100V 80A Schottky Common Cathode Diode in a D61-8-SM package SCHOTTKY RECTIFIER From old datasheet system
|
IRF[International Rectifier]
|
12CTQ045-1 12CTQ045S 12CTQ040S 12CTQ045 12CTQ 12CT |
45V 12A Schottky Common Cathode Diode in a D2-Pak package 40V 12A Schottky Common Cathode Diode in a D2-Pak package 40V 12A Schottky Common Cathode Diode in a TO-262 package 45V 12A Schottky Common Cathode Diode in a TO-220AB package 40V 12A Schottky Common Cathode Diode in a TO-220AB package 35V 12A Schottky Common Cathode Diode in a D2-Pak package 35V 12A Schottky Common Cathode Diode in a TO-220AB package 45V 12A Schottky Common Cathode Diode in a TO-262 package 35V 12A Schottky Common Cathode Diode in a TO-262 package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
153CNQSERIES 153CNQ100 153CNQ080 |
SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 150 Amp 100V 150A Schottky Common Cathode Diode in a D-60 package
|
International Rectifier, Corp. IRF[International Rectifier]
|