PART |
Description |
Maker |
CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 C |
Single 100Mbps Digital Isolator with Enable 8-SOIC -40 to 125 CMOS Quad Clocked “DLatch R/S Latches, Tri-State, Quad, Rad-Hard, CMOS, Logic CMOS Quad Clocked “D” Latch From old datasheet system CMOS Quad 3 State R/S Latches CMOS Quad Clocked D Latch CMOS Quad Clocked “D Latch
|
INTERSIL[Intersil Corporation]
|
IW4043BN |
Quad 3-State R/S Latches High-Voltage Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
MC14044BDG MC14044BDR2G NLV14044BDR2G NLV14044BDG |
CMOS MSI Quad R?S Latches
|
ON Semiconductor
|
DG221BDJ DG221BDY DG221B |
Quad SPST CMOS Analog Switch with Latches
|
VISAY[Vishay Siliconix]
|
SCL4044B |
(SCL4043B / SCL4044B) CMOS Quad 3-Stage R-S Latches
|
Solid State Scientific
|
74AHCT595BQ 74AHCT595D 74AHCT595PW 74AHC595BQ 74AH |
NPN general-purpose double transistors output latches; 3-state 8-bit serial-in-serial-out or parallel-out shift register with output latches; 3-state
|
NXP Semiconductors N.V.
|
AS7C513 AS7C513-12 AS7C513-12JC AS7C513-12TC AS7C3 |
Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 32K X 16 STANDARD SRAM, 20 ns, PDSO44 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 5V/3.3V 32Kx6 CMOS SRAM High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer with Address Latches 16-TSSOP -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer with Address Latches 16-PDIP -55 to 125
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
BXB100-48S05FLT BXB100-48S15FLT BXB100 BXB100-24S1 |
Low voltage octal bus buffer with 3 state outputs (non inverted) Quad exclusive OR gate Quad bilateral switch Low voltage octal bus buffer with 3 state outputs (inverted) Low voltage CMOS octal D-type latch with 3 state outputs non inverting Low voltage CMOS quad 2-input OR gate Octal D-type flip flop with clear 66-100W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
MAX4664 MAX4664CPE MAX4664CSE MAX4664EPE MAX4664ES |
5? Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5з, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches 5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5 Ohm, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX312 MAX312CUE MAX312ESE MAX312CSE MAX314MJE MAX |
CLAMP 10 / Quad / SPST / CMOS Analog Switches 10 Quad SPST CMOS Analog Switches 10, Quad, SPST, CMOS Analog Switches 10? Quad, SPST, CMOS Analog Switches 8 PORT MODEM SHARING DEVICE SC CABLE, COAX, 9248, PER M; Impedance:75R; Conductor make-up:1/1.02mm; Diameter, External:6.86mm; Material, conductor:Copper; Material, primary insulation:Polyethylene; Coaxial cable type:RG6A/U; Alpha type number:9804C EQUIVALENT; RoHS Compliant: Yes 10з, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 10蟹, Quad, SPST, CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
PI74FCT162841DTV PI74FCT162841BTA PI74FCT162841DTA |
Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 10-Bit D-Type Latch 10位D型锁存器
|
Electronic Theatre Controls, Inc. Vishay Intertechnology, Inc.
|