PART |
Description |
Maker |
3850800000 3851150000 385 3850350000 3850500000 38 |
CIRCUIT PROTECTORS
|
LITTELFUSE[Littelfuse]
|
398 397MP100000 397MP125000 397MP13000 397MP160000 |
CIRCUIT PROTECTORS
|
LITTELFUSE[Littelfuse]
|
PRCP-PSMF020X PRCP-PSMF050X PRCP-PSMF010X |
Polymer Resettable Circuit Protectors
|
Copal Electronics
|
CTB-B-B-03 |
THERMAL CIRCUIT PROTECTORS
|
Carling Technologies
|
CR2300SA CR2300SB CR2300SC CR0720SB CR0720SC CR350 |
40 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA The CR range of protectors are based on the proven technology of the T10 thyristor product 公约与保护的范围是基于晶闸管T10产品成熟的技 STRIPPER/CUTTER WIRE 20-30AWG 公约与保护的范围是基于晶闸管的T10产品成熟的技 The CR range of protectors are based on the proven technology of the T10 thyristor product 公约与保护的范围是基于晶闸管的T10产品成熟的技
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
TISP4095H3LM-S TISP4070H3LM-S TISP4115H3LM-S TISP4 |
TISP Thyristor Overvoltage Protectors 95 V, 2.3 A, SILICON SURGE PROTECTOR, DO-92 PROTECTOR - SINGLE BIDIRECTIONAL 70 V, 2.3 A, SILICON SURGE PROTECTOR, DO-92 TISP Thyristor Overvoltage Protectors 115 V, 2.3 A, SILICON SURGE PROTECTOR, DO-92 TISP Thyristor Overvoltage Protectors 400 V, 2.3 A, SILICON SURGE PROTECTOR, DO-92
|
Bourns, Inc. BOURNS INC
|
MLU CG0402MLU-12G |
ESD Protectors
|
Bourns Electronic Solutions
|
RN2201 RN2204 RN2206 RN2202 RN2203 RN2205 |
Transistor Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications Switching/ Inverter Circuit/ Interface Circuit And Driver Circuit Applications
|
TOSHIBA[Toshiba Semiconductor]
|
TBU-CA065-100-WH TBU-CA065-050-WH |
High-Speed Protectors
|
Bourns Electronic Solut...
|
L-6-0V-12 |
6 AMP OVERVOLTAGE PROTECTORS
|
Lambda Semiconductors
|
14R2B |
Selenium Contact Protectors
|
Edal Industries
|