PART |
Description |
Maker |
PS7241H1A-E3 PS7241H1A-F3 PS7241H1A-F4 |
FET-OUTPUT OPTOCOUPLER Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a Lead-Free 8-Lead SOIC 场效应管输出光耦合
|
HIROSE ELECTRIC Co., Ltd.
|
19221-0318 |
BAT.TERM.HEAVY WALL LEAD PLT (192210318 COPPER ALLOY, LEAD FINISH, WIRE TERMINAL
|
Molex, Inc.
|
5972 |
24 Lead SSOP Test Clip 0.65 mm Lead Pitch
|
Pomona Electronics
|
XP1050-QJ-0G00 XP1050-QJ-0G0T |
Lead-Free 6 mm 24-lead QFN Package
|
M/A-COM Technology Solu...
|
S419-06 S424-06 |
1mm Blade Vertical Tab, reeled, 0.64mm thick, tin/lead BRASS, TIN LEAD FINISH, PCB TERMINAL 3.6mm Blade Vertical Test Point Terminal, 0.8mm thick, reeled, tin/lead
|
Harwin PLC HARWIN INC
|
RBS12BTT1004 RBS04BBP3200 RBS04BTP3400 RBS04BBP370 |
RESISTOR, 0.25 W, 0.1 %, 100 ppm, 1000000 ohm, SURFACE MOUNT, 1206 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 25 ppm, 320 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 25 ppm, 340 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 25 ppm, 370 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.5 %, 25 ppm, 470 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 25 ppm, 470 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 25 ppm, 481 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.1 %, 25 ppm, 4810 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.5 %, 25 ppm, 4810 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.1 %, 25 ppm, 470 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.5 %, 25 ppm, 4810 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.5 %, 25 ppm, 4700 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 25 ppm, 4810 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.1 %, 25 ppm, 4700 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.5 %, 25 ppm, 481 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 25 ppm, 4700 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 25 ppm, 2910 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 25 ppm, 2610 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 1 %, 25 ppm, 2610 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 1 %, 25 ppm, 2210 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 25 ppm, 2210 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 25 ppm, 2710 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 50 ppm, 205 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.125 W, 0.1 %, 50 ppm, 205 ohm, SURFACE MOUNT, 0805 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.5 %, 50 ppm, 205 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.25 W, 1 %, 50 ppm, 205 ohm, SURFACE MOUNT, 1206 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 50 ppm, 777 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 50 ppm, 7770 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.1 %, 50 ppm, 77700 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.1 %, 50 ppm, 777 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.5 %, 50 ppm, 77700 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.1 %, 50 ppm, 77700 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.5 %, 50 ppm, 7770 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.1 %, 50 ppm, 205 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.5 %, 50 ppm, 7770 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.0625 W, 0.5 %, 50 ppm, 777 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.5 %, 50 ppm, 77700 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE RESISTOR, 0.0625 W, 1 %, 50 ppm, 205 ohm, SURFACE MOUNT, 0402 CHIP, LEAD FREE RESISTOR, 0.1 W, 0.5 %, 50 ppm, 777 ohm, SURFACE MOUNT, 0603 CHIP, LEAD FREE
|
TA-I Technology Co., Ltd
|
5KP58CA-G 5KP80A-G 5KP80CA-G 5KP350A-G 5KP350CA-G |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=80V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=250V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=26V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=64V, Tolerance=5%
|
Comchip Technology
|
CD216AXXX CD216A CD216A-B120L CD216A-B120LLF CD216 |
From old datasheet system Lead free versions available, RoHS compliant (lead free version), Low profile, Surface mount, Very low forward voltage drop
|
BOURNS[Bourns Electronic Solutions]
|
PS7801-A-F3 PS7801 PS7801-A-F4 PS7801-1A |
LEAD FREE A6279 SOIC 邻舍4针超小型平引脚,低输出电通道光学耦合MOSFET LEAD FREE A6279ELP-T WITH TAPE & REEL LEAD FREE A6279ELW-T WITH TAPE & REEL NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
AD7810 AD7810YN AD7810YR AD7810YRM |
2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP 2.7 V to 5.5 V 2 us 10-Bit ADC in 8-Lead microSOIC/DIP ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 2.7 V to 5.5 V/ 2 us/ 10-Bit ADC in 8-Lead microSOIC/DIP
|
AD[Analog Devices] Analog Devices, Inc.
|
|