PART |
Description |
Maker |
MUR1660CT MUR1640CT MUR1630CT |
16 Amp Super Fast Glass Pass ivated Rectifier 300 to 600 Volts 16 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Micro Commercial Components, Corp. Micro Commercial Components Corp.
|
SDR9105N SDR9103N |
100 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER 100 A, 300 V, SILICON, RECTIFIER DIODE, TO-258AA
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
30WQ10F 30WQ09F |
90V 3.3A Schottky Discrete Diode in a D-Pak package SCHOTTKY RECTIFIER 3.3 Amp 3.3 Amp Schottky Rectifier(3.3 A 肖特基整流器)
|
IRF[International Rectifier]
|
48CTQ060 48CTQ060S 48CTQ060-1 48CTQ060STRL 48CTQ06 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp SCHOTTKY RECTIFIER 41 Amp SCHOTTKY RECTIFIER 42 Amp 60V 40A Schottky Common Cathode Diode in a TO-262 package 60V 40A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
DWEP70-10 DWFN9-16_18 DWEP37-02 DWFN35-16/18 CWP22 |
Rectifier Diodes & FRED 41 A, 1200 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 123 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 106 A, 300 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 143 A, 300 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 60 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 80 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 8 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 30 A, SILICON, RECTIFIER DIODE DIODE ZENER SINGLE 150mW 22Vz 0.05mA-Izt 0.05 0.05uA-Ir 16.7 SOD-523 3K/REEL 整流二极 DIODE SWITCHING SINGLE 75V 200mA-Io 250mW 4ns-trr DFN1006-2 3K/REEL 11 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 20 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 54 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 整流二极 Rectifier Diodes & FRED 40 A, 200 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 12 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 15 A, 600 V, SILICON, RECTIFIER DIODE DIODE ZENER SINGLE 500mW 22Vz 0.05mA-Izt 0.05 0.05uA-Ir 16.7 SOD-123 3K/REEL 整流二极 DIODE ZENER SINGLE 200mW 22Vz 0.05mA-Izt 0.05 0.05uA-Ir 16.7 SOD-323 3K/REEL MDM-25PSM2 RECTIFIER FAST-RECOVERY SINGLE 1.5A 100V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.2V-vf 250ns 5uA-ir DO-41 5K/AMMO DIODE DF005S T&R DIODE ZENER SINGLE 500mW 24Vz 0.05mA-Izt 0.05 0.05uA-Ir 18.2 SOD-123 3K/REEL DIODE ZENER SINGLE 500mW 27Vz 0.05mA-Izt 0.05 0.05uA-Ir 20.4 SOD-123 3K/REEL RECTIFIER BRIDGE 1A 50V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE RECTIFIER BRIDGE 1A 100V 50A-ifsm 1.1V-vf 10uA-ir DFM 50/TUBE RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.2V-vf 150ns 5uA-ir A405 5K/REEL-13 RECTIFIER BRIDGE 1A 50V 50A-ifsm 1.1V-vf 10uA-ir DFS 1.5K/REEL-13 Rectifier Diodes & FRED DIODE ZENER TRIPLE ISOLATED 200mW 7.48Vz 20mA-Izt 0.0254 0.1uA-Ir 6 SOT-363 3K/REEL Rectifier Diodes & FRED
|
Samtec, Inc. IXYS, Corp. http:// IXYS Corporation
|
MBRD360T4 MBRD360G MBRD360 MBRD360RLG MBRD340G MBR |
SWITCHMODE Power Rectifiers 3A 60V Schottky Rectifier 3A 30V Schottky Rectifier 3A 50V Schottky Rectifier 3A 40V Schottky Rectifier 3A 20V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
CZSH5-40 |
SMD Schottky Rectifier Single SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
300CNQ045PBF |
Schottky Rectifier, 300 A
|
Vishay Siliconix
|
SBR60100 SBR6090 |
60 Amp Schottky Rectifier 60 Amp Schottky Rectifier 60 A, 90 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
VS-303URA250 |
303CNQ100PbF Schottky Rectifier, 300 A
|
Vishay Semiconductors
|
|