PART |
Description |
Maker |
1N914BWS 1N4148WS |
Small Signal Diode; Package: SOD-323F; No of Pins: 2; Container: Tape & Reel 0.15 A, 100 V, SILICON, SIGNAL DIODE Small Signal Diodes
|
Fairchild Semiconductor, Corp.
|
CD1005-B0230 CD0603-B0240 |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:35V; Forward Current Avg Rectified, IF(AV):200mA; Forward Voltage Max, VF:0.5V; Package/Case:Case 1005; Vf Test Current:0.2A; Leaded Process Compatible:Yes RoHS Compliant: Yes CD0603/1005 Schottky Barrier Chip Diode Series
|
BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
1N457 1N457AT50R 1N457T50R 1N457ATR 1N457TR |
High Conductance Low Leakage Diode; Package: DO-35; No of Pins: 2; Container: Bulk 0.2 A, 70 V, SILICON, SIGNAL DIODE, DO-35 Small Signal Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BAW74 BAW74D87Z |
High Conductance Fast Diode Small Signal Diode 0.2 A, 50 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
DTC114ESA DTC114EM DTC114ECA |
NPN Small Signal Transistor Small Signal Diode
|
Taiwan Semiconductor Company, Ltd
|
DTC144 DTC144ECA DTC144EM DTC144-ECA DTC144-EE DTC |
NPN Small Signal Transistor Small Signal Diode
|
Taiwan Semiconductor Company, Ltd Taiwan Semiconductor Co...
|
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BAS70-07 6711 BAS70-07FILM -BAS70-07 |
From old datasheet system SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
SD103A09 SD103B-35B |
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 0.35 A, 30 V, SILICON, SIGNAL DIODE, DO-35
|
Pan Jit International Inc.
|
|