PART |
Description |
Maker |
IRFZ44VL IRFZ44VS IRFZ44VSTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A) (IRFZ44VL / IRFZ44VS) Power MOSFET
|
IRF[International Rectifier]
|
IRFIZ48G IRFIZ48 IRFIZ48GPBF |
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=39A) Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rdson)\u003d 0.018ohm,身份证\u003d 37A条) Power MOSFET(Vdss=60V Rds(on)=0.018ohm Id=37A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFIZ48V IRFIZ48 IRFIZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
|
IRF[International Rectifier]
|
IRFZ48V IRFZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
|
IRF[International Rectifier]
|
IRF9Z14S IRF9Z14L IRF9Z14STRL IRF9Z14STRR |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 6.7A Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A) HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRLD024 |
60V Single N-Channel HEXFET Power MOSFET in a HEXDIP package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
|
IRF[International Rectifier]
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
IRFZ44R |
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rds(on)\u003d 0.028ohm,身份证\u003d 50 *甲) 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STB60NF06 STP9NC60FP STB60NF06T4 |
N-CHANNEL 60V 0.014 OHM 60A D2PAK STRIPFET POWER MOSFET N-CHANNEL 60V 0.014 OHM 60A D2PAK STRIPFET POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET?/a> POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET N-CHANNEL 60V - 0.014W - 60A D2PAK
STripFET™ POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDP14AN06LA0 FDP14AN06LA FDB14AN06LA0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 61A, 0.014 Ohm, TO-220 Package N-Channel PowerTrench MOSFET, 60V, 60A, 0.0146 Ohms @ VGS = 5V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V/ 60A/ 14.6m N-Channel PowerTrench MOSFET 60V, 60A, 14.6mз
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFY044CM |
60V 0.040Ω N-Channel HEXFET Power MOSFET(60V 0.040Ω N沟道 HEXFET 功率 MOS场效应管) 60V.040ΩN沟道HEXFET功率MOSFET60V.040Ω沟道的HEXFET功率马鞍山场效应管)
|
International Rectifier, Corp.
|