PART |
Description |
Maker |
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
2N1080 2N5409 2N2202 2N4350 2N4242 2N3142 2N3141 2 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-53 TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 5A I(C) | TO-111 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 70V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 65V V(BR)CEO | 2A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 65V V(BR)CEO | 2A I(C) | STR-10 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-36 Open-Drain SOT µP Reset Circuit TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 1A I(C) | CAN TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 3A I(C) | TO-53 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 5A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-210AC 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 60mA的一(c)|1 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 350MA I(C) | TO-5 晶体管|晶体管|叩| 40V的五(巴西)总裁| 350mA的一(c)| TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 10A I(C) | STR-1/4 晶体管|晶体管|叩| 50V五(巴西)总裁| 10A条一(c)|个STR - 1 / 4 Open-Drain SOT µP Reset Circuit
|
Winbond Electronics, Corp.
|
BCX29 BF299 BF298 BFR58 BC312 MH7301 BF294 BC533 |
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 100MA I(C) | TO-39 MAX 3000A CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 160V五(巴西)总裁| 100mA的一c)| TO - 220AB现有 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 100MA I(C) | TO-39 晶体管|晶体管|叩| 160V五(巴西)总裁| 100mA的一(c)| TO - 39封装 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | TO-92
|
TE Connectivity, Ltd.
|
ACY11 ACY14 ACY17 ACY18 ACY19 AC117 AC130 AC126 AC |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 500MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1.2A I(C) | TO-1 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | CAN TRANSISTOR | BJT | NPN | 15V V(BR)CEO | CAN TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 1A I(C) | CAN TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 15V的五(巴西)总裁| 500mA的一(c)| TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 200MA I(C) 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 200mA的我(丙
|
Electronic Theatre Controls, Inc. IDEC, Corp.
|
SVT200-5C SVT250-5C SVT350-5C SVT450-5C SVT400-5C |
Silicon Bridge Rectifiers Fast Recovery Bridge Rectifiers TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 350V V(BR)CEO | 5A I(C) | TO-3 晶体管|晶体管|叩| 350V五(巴西)总裁| 5A条一c)|3 晶体管|晶体管|叩| 300V五(巴西)总裁| 5A条一c)|3 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 10A I(C) | TO-3 晶体管|晶体管|叩| 250V五(巴西)总裁| 10A条一(c)|
|
Jameco Electronics
|
CM25-28 C25-28 CM10-28 C3-28 B12-28 C2M70-28R C2M1 |
TRANSISTOR | BJT | NPN | 3A I(C) | SOT-119VAR 2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant TRANSISTOR | BJT | NPN | 33V V(BR)CEO | 2.5A I(C) | STX-8 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 24V V(BR)CEO | 200MA I(C) | STX-6 TRANSISTOR | BJT | NPN | 1A I(C) | STX-8 晶体管|晶体管|叩| 1A条一(c)|希捷- 8 Ultrafast recovery diode 晶体管|晶体管|叩| RFMOD HIGH EFFICIENCY ULTRAFAST DIODE 晶体管|晶体管|叩| 12A条一(c)|的SOT - 119VAR
|
Kingbright, Corp.
|
2SC828 BFY39 MPS6565 MPS9602 2N4286 BC260 BC280 BC |
TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|进步党| 35V的五(巴西)总裁| 100mA的一(c)|92 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|8 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 200MA I(C) | TO-92 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 500MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 200MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-98 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 100MA I(C) | TO-92 Cyclone FPGA 3K TQFP-144 Cyclone II FPGA 5K FBGA-256 Cyclone FPGA 3K TQFP-100 Cyclone FPGA 12K PQFP-240 Cyclone FPGA 4K FBGA-400 Stratix II FPGA 180K FBGA-1020 Stratix FPGA 25K FBGA-1020 Stratix II FPGA 15K FBGA-672 Stratix II GX FPGA 60K FPGA-780 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-92 ZENER DIODES Audio Frequency Small Signal Transistors
|
Semiconductor Technology Bourns, Inc. KEC Holdings Semiconductors
|
BC413B BF479S |
TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 30V的五(巴西)总裁| 100mA的一(c)|2 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | MACRO-T TRANSISTOR|BJT|NPN|30VV(BR)CEO|100MAI(C)|TO-92
|
Vectron International, Inc.
|
ECG130MP ECG152 ECG153 ECG155 ECG153MP ECG159MCP E |
Finger guards Round type - suction side - Adaptation machine-Frame size : 200mm; Surface Finishing: Cation electropainting; Adaptation Machine: San Ace 200(suction side); TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7A I(C) | TO-220 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 3A I(C) | TO-3VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 7A I(C) | TO-220AB TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-92 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 1A条一(c)|2 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-1 晶体管|晶体管|进步党| 32V的五(巴西)总裁| 1A条一(c)|
|
TE Connectivity, Ltd. Aeroflex, Inc.
|
2SB331 2SB330 2SD331E |
TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 2A I(C) | TO-220AB TRANSISTOR | BJT | PNP | 150MA I(C) | TO-5 NPN/PNP Triple Diffused Planar Silicon Transistors, Low Freq. Power Amp. Applications
|
Sanyo Semiconductor
|