PART |
Description |
Maker |
AD5750-1ACPZ-REEL AD5750-1ACPZ-REEL7 AD5750-1 AD57 |
Industrial Current/Voltage Output Driver with Programmable Ranges
|
Analog Devices
|
AD5750-2 |
Industrial Current/Voltage Output Driver with Programmable Ranges
|
Analog Devices
|
FIN12AC08 |
Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
|
Fairchild Semiconductor
|
FIN12AC |
Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
|
Fairchild Semiconductor Corporation
|
FIN12AC06 |
uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
|
Fairchild Semiconductor
|
FIN12AC_06 FIN12AC FIN12ACGFX FIN12ACMLX |
uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
|
FAIRCHILD[Fairchild Semiconductor]
|
2SC3281 |
ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 - ContinuousShort Circuit Protection ( /P-Suffix) NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
|
Wing Shing Electronics Co., (H.K.) Ltd. 永盛国际集团 Wing Shing Computer Components
|
TC1322EUA TC1322 TC1322EOA |
The TC1322 is a serially accessible 12-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply tha 12-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
K6R4016C1D-JC10 K6R4008V1D-TI10 K6R4008V1D-UI10 K6 |
256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges. 256Kx16位高速静态RAM.0V操作)。在经营商业和工业温度范围 256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges. 256Kx16位高速静RAM.0V操作)。在经营商业和工业温度范围 CAP,ELECTRO,1000UF,25V DIODE,RECT,1A 400V SMD MELF PCB Relay; Contacts:SPDT; Coil Voltage AC Max:120V; Contact Carry Current:30A; Coil Resistance:3000ohm; Mounting Type:PCB; Relay Terminals:Quick Connect; Relay Mounting:PC Board; Contact Rating:30A; Switch Function:SPDT Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 470uF; Voltage: 63V; Case Size: 12.5x20 mm; Packaging: Bulk
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
2SC4399 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% 高频通用放大器应 High-Frequency General-Purpose Amp Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device Toshiba Semiconductor
|
WS57C43 WS57C43C WS57C43C-25D WS57C43C-25J WS57C43 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% HIGH SPEED 4K x 8 CMOS PROM/RPROM 高K的8的CMOS胎膜早破/ RPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
C35M C35A C35B C35D C35G C35J C35K |
RTD Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 2W; Assembly; High Power Density ECONOLINE: RTS & RTD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85% 35A AUTOMOTIVE RECTIFIER CELL
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|