PART |
Description |
Maker |
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
2SC3675 |
900V/100mA High-Voltage Amplifier High-Voltage Switching Applications High-Voltage Amp, High-Voltage Switching Applications High-Voltage Amp High-Voltage Switching Applications High-Voltage Amp/ High-Voltage Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SA1968 |
High-Voltage Amp High-Voltage Switching Applications
|
SANYO
|
2SC4631 |
High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Semicon Device
|
MSK130 |
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP Ultra High Voltage High Speed Differential Operational Amplifier(FET输入,超高电压高速差分运算放大器)
|
List of Unclassifed Manufacturers M.S. Kennedy Corporation
|
MAX6035AAUR30 MAX6035AAUR30-T |
2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output, 8-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial High-Supply-Voltage, Precision Voltage Reference in SOT23
|
MAXIM INTEGRATED PRODUCTS INC
|
LT3845A LT3844 LTC3891 LT3741 LT37241 LTC3835-1 LT |
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown High Voltage, Current Mode Switching Regulator Controller; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.3 A SWITCHING CONTROLLER, 220 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage, Current Mode Switching Regulator Controller
|
Linear Technology, Corp.
|
2SC4710LS 0929 |
NPN Triple Diffused Planar Silicon Transistor 2100V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system 2100V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC3676 |
High-Voltage Amp/ High-Voltage Switching Applications High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4710 |
High-Voltage Amp/ High-Voltage Switching Applications High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Semicon Device
|
SPT6693 |
20 AMP HIGH VOLTAGE HIGH ENERGY NPN TRANSISTOR 400 VOLTS
|
Solid States Devices
|