PART |
Description |
Maker |
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
15GN01CA |
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
|
Sanyo Semicon Device
|
2SC941 2SC941-O 2SC941-R 2SC941TM 2SC941-Y 2SC942 |
TRANSISTOR SILICON NPN EPIITAXIAL TYPE 晶体管型硅npn型EPIITAXIAL SMA MALE TO TNC MALE; 18GHz PRECISION TEST CABLE ASSEMBLY; WIDEBAND COVERAGE DC - 18 GHZ TEST CABLES. FLEXIBLE FOR EASY CONNECTION AND BEND RADIUS NPN EPITAXIAL TYPE (HIGH/ AM/ AM HIGH FREQUENCY AMPLIFIER CONVERTER APPLICATIONS) NPN EPITAXIAL TYPE (HIGH, AM, AM HIGH FREQUENCY AMPLIFIER CONVERTER APPLICATIONS) From old datasheet system
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SC2369 2SC1560 2SC1988 2SC2570 NE02100 NE02103 NE |
NPN SILICON HIGH FREQUENCY TRANSISTOR NPN SILICON HIGH FREQUNY TRANSISTOR NPN硅晶体管高FREQUNY NPN SILICON HIGH FREQUNY TRANSISTOR NPN硅晶体管FREQUNY
|
NEC[NEC] NEC Corp. Honeywell International, Inc. NEC, Corp.
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SC3354 |
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing) VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
2SC3807 |
NPN Epitaxial Planar Silicon Transistor High hFE, Low-Frequency General-Purpose Amplifier Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
NE696M01-T1-A NE696M01 |
NPN SILICON HIGH FREQUENCY TRANSISTOR
|
CEL[California Eastern Labs]
|
MPS5179-D |
High Frequency Transistor NPN Silicon
|
ON Semiconductor
|
MMBR920LXX |
NPN SIlicon High Frequency Transistor
|
Motorola
|