PART |
Description |
Maker |
STS4DPF20L 8006 |
DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET⑩ POWER MOSFET From old datasheet system DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET Dual P-CHANNEL POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFETPOWER MOSFET 双P沟道20V 0.07欧姆- 4A条的SO - 8 STripFET⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
NTLUD3191PZTAG NTLUD3191PZTBG NTLUD3191PZ |
Dual P-Channel 20 V MOSFET 1100 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET Power MOSFET −20 V, −1.8 A, Cool Dual P−Channel, ESD, 1.6x1.6x0.55 mm UDFN Package
|
ON Semiconductor
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
FDS3992_04 FDS3992 FDS3992NL FDS399204 |
Dual N-Channel PowerTrench? MOSFET 100V, 4.5A, 62m?/a> Dual N-Channel PowerTrench㈢ MOSFET 100V, 4.5A, 62mз Discrete Commercial N-Channel PowerTrench MOSFET, 100V, 4.5A, 0.062 Ohms @ VGS = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
SI4953ADY |
Dual p-channel SO-8 low-rDS(on) MOSFET 双P沟道SO-8 低RDS(on)MOSFET Dual P-Channel 30-V (D-S) MOSFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
SI9940 SI9940DY |
DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET TRANSISTOR,MOSFET,MATCHED PAIR,N-CHANNEL,50V V(BR)DSS,5.3A I(D),SO Dual N-Channel Enhancement Mode MOSFET
|
TEMIC Semiconductors Siliconix
|
IRF5850 IRF5850TR |
2200 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET -20V Dual P-Channel HEXFET Power MOSFET in a TSOP-6 package Ultra Low On-Resistance
|
International Rectifier
|
CMRDM3590 |
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 160 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ROHS COMPLIANT PACKAGE-6
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
DMG1024UV DMG1024UV-7 DMG1024UV-15 |
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET 1390 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET GREEN, PLASTIC PACKAGE-6
|
Diodes Incorporated Diodes, Inc.
|
FDMA6023PZT |
-20V Dual P-Channel PowerTrench® MOSFET; 6-MicroFET 3600 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp.
|
EL7242CN EL7252CSZ-T7 EL7242 EL7242CS EL7242CS-T13 |
Dual Input, High Speed, Dual Channel Power MOSFET Driver 2 A 2 CHANNEL, AND GATE BASED MOSFET DRIVER, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
|