PART |
Description |
Maker |
CFD1025 |
35.000W Darlington NPN Plastic Leaded Transistor. 150V Vceo, 8.000A Ic, 1500 - 30000 hFE. NPN PLANAR POWER DARLINGTON TRANSISTOR
|
CDIL[Continental Device India Limited]
|
PS2502-2X PS2502-1 PS2502-1X PS2502-2 PS2502-4 PS2 |
4 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER SURFACE MOUNT, PLASTIC, DIP-16 HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS 4 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER
|
Isocom Components, Ltd.
|
BD679 BD681 BD677 BD679A BD675A BD677A BD675 |
NPN PLASTIC POWER DARLINGTON TRANSISTORS
|
TRANSYS Electronics Limited
|
MJD112 MJD112NPN |
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
|
Continental Device Indi...
|
2N603506 2N6039G 2N6034 2N6034G 2N6035 2N6035G 2N6 |
Plastic Darlington Complementary Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
CSA1943FR CSA1943F CSA1943FO |
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
|
CDIL[Continental Device India Limited]
|
CP107 |
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
|
Continental Device India Limited
|
CMPTA64 CMPTA13 CMPTA14 CMPTA63 |
SMD Small Signal Transistor PNP Darlington complementary silicon darlington transistors
|
Central Semiconductor Corp
|
MPSA28 MPSA28_D ON2340 MPSA29 |
(MPSA28 / MPSA29) Darlington Transistor Darlington Transistors(NPN Silicon) CASE 294, STYLE 1 TO2 (TO?26AA) From old datasheet system
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
GMPSA13 |
The GMPSA13 is designed for darlington applications requiring extremely high current gain at collector to 500mA NPN SILICON DARLINGTON TRANSISTOR
|
E-Tech Electronics LTD GTM CORPORATION
|
25LC080A-I/MS 25AA080A-I/MS 25LC080BT-I/P 25AA080B |
8K SPI Bus Serial EEPROM 8K的SPI总线串行EEPROM ISOLATOR OPTICALLY COUPLED 125MA 8K的SPI总线串行EEPROM LED IR 5MM 890NM PLASTIC 8K的SPI总线串行EEPROM LED IR 3MM 890NM PLASTIC 8K的SPI总线串行EEPROM LED IR 3MM 935NM PLASTIC 8K的SPI总线串行EEPROM PHOTOTRANS NPN 935NM PLCC SMD 8K的SPI总线串行EEPROM RF Cable Assembly; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 8KSPI总线串行EEPROM SWITCH SLOTTED OPTICAL WIDE GAP LED FIBER OPTIC GAALAS PHOTODIODE FBR-OPT HS PIN (AT&T) LED IR 890NM PLASTIC SIDELOOK LED IR 3MM 935NM FLAT PLASTIC LED IR 890NM HERMETIC PILL PAK LED IR 890NM HERMETIC FLAT TO-46 Light-Management IC with Efficient 1x/1.5x/2x Charge Pump for Backlight/Flash/RGB LEDs MINIGRABBER/BANANA PLUG (YELLOW) RoHS Compliant: Yes LED IR 890NM PLSTC NARROW TO-46 PHOTO DARLINGTON NPN 15V 850NM PHOTOTRANSISTOR IR 3MM 935NM NPN SWITCH TRANSISTOR SLOTTD OPTICAL SENSOR SWITCH SLOTTED OPTICAL DIODE INFRARED EMITTING PLASTIC
|
Microchip Technology, Inc. Microchip Technology Inc.
|