PART |
Description |
Maker |
CIL148C CIL148A CIL148B CIL476 CIL768 CIL769 CIL61 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 60V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 45V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-106
|
Electronic Theatre Controls, Inc.
|
FZT491 FZT491A |
NPN Low Sat Transistor NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Style:Wall Mount Receptacle; Insert Arrangement:18-11
|
Zetex Semiconductors Diodes Incorporated
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
2N1080 2N5409 2N2202 2N4350 2N4242 2N3142 2N3141 2 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-53 TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 5A I(C) | TO-111 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 70V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 65V V(BR)CEO | 2A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 65V V(BR)CEO | 2A I(C) | STR-10 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-36 Open-Drain SOT µP Reset Circuit TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 1A I(C) | CAN TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 3A I(C) | TO-53 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 5A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-210AC 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 60mA的一(c)|1 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 350MA I(C) | TO-5 晶体管|晶体管|叩| 40V的五(巴西)总裁| 350mA的一(c)| TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 10A I(C) | STR-1/4 晶体管|晶体管|叩| 50V五(巴西)总裁| 10A条一(c)|个STR - 1 / 4 Open-Drain SOT µP Reset Circuit
|
Winbond Electronics, Corp.
|
2SB744 2SB744A 2SA1154 NTC2333 2SA1152 NTC2334 NTC |
TRANSISTOR|BJT|PNP|45VV(BR)CEO|3AI(C)|TO-126
TRANSISTOR|BJT|PNP|60VV(BR)CEO|3AI(C)|TO-126
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 300MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7A I(C) | TO-220 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 2A I(C) | TO-220 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 7A I(C) | TO-220 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 300MA I(C) | TO-92 TRANSISTOR | BJT | DARLINGTON | NPN | 400V V(BR)CEO | 10A I(C) | TO-247VAR TRANSISTOR | BJT | NPN | 200MA I(C) | TO-226VAR TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | TO-92 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 2A I(C) | TO-220 晶体管|晶体管|叩| 400V五(巴西)总裁|甲一c)|20 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-220AB 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一(c)| TO - 220AB现有 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 500MA I(C) | TO-92 晶体管|晶体管|叩| 40V的五(巴西)总裁| 500mA的一(c)|2
|
NEC, Corp. Sullins Connector Solutions, Inc. Microchip Technology, Inc.
|
PBSS4350SS115 |
50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2N5038 JAN2N5039 JANTXV2N5039 2N5039 JAN2N5038 JAN |
NPN HIGH POWER SILICON TRANSISTOR 20 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA NPN HIGH POWER SILICON TRANSISTOR 2 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-3 From old datasheet system (JAN2N5038 / JAN2N5039) NPN HIGH POWER SILICON TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
164-22 163-28 163-12 164-12 164-26 164-20 164-30 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 160V五(巴西)总裁|甲一c)| STR-5/16 晶体管|晶体管| npn型| 120伏特五(巴西)总裁|甲一c)| STR-5/16 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 40V的五(巴西)总裁|甲一(c)| STR-5/16 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管| npn型| 280伏特五(巴西)总裁|甲一(c)| STR-5/16
|
Ecliptek, Corp.
|
2SC2229Y BF594 2SC1815GR 2SC1815O BF596 |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 30MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | TO-92 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 50mA的一c)|2 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 25MA I(C) | TO-92 晶体管|晶体管|叩| 30V的五(巴西)总裁| 25mA电流一(c)|2
|
Lumex, Inc. Atmel, Corp.
|
BCX29 BF299 BF298 BFR58 BC312 MH7301 BF294 BC533 |
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 100MA I(C) | TO-39 MAX 3000A CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 160V五(巴西)总裁| 100mA的一c)| TO - 220AB现有 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 100MA I(C) | TO-39 晶体管|晶体管|叩| 160V五(巴西)总裁| 100mA的一(c)| TO - 39封装 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | TO-92
|
TE Connectivity, Ltd.
|
BUD7312 BUD7312-SMD |
3 A, 600 V, NPN, Si, POWER TRANSISTOR, TO-251 3 A, 600 V, NPN, Si, POWER TRANSISTOR, TO-252 From old datasheet system Silicon NPN High Voltage Switching Transistor
|
VISHAY TELEFUNKEN
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|