PART |
Description |
Maker |
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BFT32A |
5000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar NPN Device in a Hermetically sealed TO39
|
SEMELAB LTD Seme LAB
|
BSS73CSM BSS73CSM-QR-B |
Bipolar NPN Device in a Hermetically sealed LCC1 500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Seme LAB SEMELAB LTD
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N2484 |
SMALL SIGNAL BIPOLAR NPN SILICON
|
MICROSEMI[Microsemi Corporation]
|
BC109 BC107 BC108 |
GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P...
|
2N947 2N709A 2N930B 2N720A 2N726 2N718A 2N760A 2N8 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Seme LAB Microsemi Corporation CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BUY48SMD05 BUY48SMD05-JQRR4 |
7000 mA, 170 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-276AA HERMETIC SEALED, CERAMIC, SMD0.5, 3 PIN Bipolar NPN Device in a Hermetically sealed
|
TT electronics Semelab, Ltd. http://
|
BUY48SMD BUY48SMD-JQRR4 |
7000 mA, 170 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-276AB HERMETIC SEALED, CERAMIC, SMD1, 3 PIN Bipolar NPN Device in a Hermetically sealed
|
TT electronics Semelab, Ltd. http://
|
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
|