PART |
Description |
Maker |
2CO80-100 2CC125-200 2CC250-400 2CC450-600 2CM125- |
British Dimension HRCII-C Fuses 英国HRCII - 保险 British Dimension HRCII-C Fuses 英国维HRCII - 保险
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
PCC-2 |
PC Board Fuse; Current Rating:3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Leaded Process Compatible:No; Body Material:Plastic; Diameter:8.12mm; Fuse Size/Group:8.89 x 8.12 mm; Fuse Type:Fast Acting; Length:8.89mm
|
COOPER INDUSTRIES
|
VC-1734-21-180 |
BRITISH DETACHABLE POWER SUPPLY CORD
|
List of Unclassifed Man...
|
VL-1724-23-200 |
CORDSET - BRITISH V-LOCK DETACHABLE POWER SUPPLY CORD
|
List of Unclassifed Man...
|
Z86B0712PEC |
Leaded Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
Pasternack Enterprises, Inc.
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
STD4 STD2 |
:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes ELECTRIC FUSE, 2A, 240VAC, 33000A (IR), INLINE/HOLDER Leaded Cartridge Fuse; Current Rating:2.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
BETM-2A-1500 BETM-2A-250 BETM-2A-500 BEM-2A-500 BE |
Analog IC 模拟IC FUSE FAST 2.50A SHORT UL TE5 FUSE FAST-ACT 1.60A 50V 1206 SMD FUSE, RESETTABLE, 15V, 100MA, 500MW, 15V, 100MA, 0805 BIPHASE MODULATORS
|
Merrimac Industries, Inc.
|
01530007LXN 01530007Z 01530008LXN 01530009Z 015300 |
PCB MOUNT FUSE HOLDER FOR MINI STYLE BLADE FUSE
|
Littelfuse
|