PART |
Description |
Maker |
02820001Z-ND 282002A F4768-ND 02820001ZXA-ND 02820 |
Fuseholders - For MicroTM Fuse Plug-In Fuses
|
Littelfuse
|
282008 282 282001 282002 282007 |
Fuseholders - For MicroTM Fuse Plug-In Fuses
|
LITTELFUSE[Littelfuse]
|
HHM HHM-B HHM-C HHL HHL-B |
MINI庐 Fuseholders MINI? Fuseholders
|
Cooper Bussmann, Inc.
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
ST72T331N2T3 ST72T331N4T6 |
Leaded Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
STMicroelectronics N.V.
|
LPSG60-1MI LPSG30-3MI LPSG30-2MI LPSG30-1MI LPSG10 |
LPSG Series Global Pro Fuseholders LPSG Series Global Pro⑩ Fuseholders
|
Littelfuse
|
CC1051CPGRB20X127/12D100GRB012VI CC1051CPGRB20X127 |
ELECTRIC FUSE, 12A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 8A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 32A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 25A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 16A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 10A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 63A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 20A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 6A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 40A, 1000VDC, INLINE/HOLDER
|
Mersen
|
BCX71JL BCX71GL |
Cartridge Fuse; Current Rating:62.5mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:31.75mm RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Vitesse Semiconductor, Corp.
|
STD4 STD2 |
:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes ELECTRIC FUSE, 2A, 240VAC, 33000A (IR), INLINE/HOLDER Leaded Cartridge Fuse; Current Rating:2.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
575 570 571 |
SUBMINIATURE FUSEHOLDERS
|
LITTELFUSE[Littelfuse]
|