PART |
Description |
Maker |
277.6106.0002 |
FK-Inlineholder for fuse links up to 32 V
|
LITTELFUSE[Littelfuse]
|
276.5105.0002 276.5105.4802 276.5105.4804 276.5105 |
PTSE 12C 4#16,8#20 SKT PLUG ATS-Inlineholder for fuse links up to 36 V
|
Littelfuse, Inc.
|
ATA663203-14 ATA663231-14 |
LIN Bus Device Family including Voltage Regulator and LIN SBC with Compatible Footprint
|
ATMEL Corporation
|
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
AA016A AA025A AA06A AA010A AA032A |
FUSE 16A HRC FUSE 25A HRC FUSE 6A HRC FUSE 10A HRC 保险0A条人权委员会 FUSE 32A HRC
|
Cooper Bussmann, Inc.
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
27ESA104MMF43NF 23ESA104MMF50NF 23ESA104MMF50AF 23 |
DREHPOTENTIOMETER EIN KOHLE LIN100K 0.4W DREHPOTENTIOMETER EIN LIN 6.35 100K 0.4W DREHPOTENTIOMETER EIN LIN 6.35 1M 0.4W DREHPOTENTIOMETER EIN KOHLE LIN 1M 0.4W DREHPOTENTIOMETER EIN KOHLE LIN 1K0 0.4W Econo 1-Wire Digital Thermometer DREHPOTENTIOMETER EIN KOHLE LOG 22K 0.4W Reset Sequence Pushbutton DREHPOTENTIOMETER EIN KOHLE LOG 2K2 0.4W DREHPOTENTIOMETER EIN LOG 6.35 1M 0.4W DREHPOTENTIOMETER EIN KOHLE LIN 10K 0.4W DREHPOTENTIOMETER EIN LOG 6.35 4K7 0.4W SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps DREHPOTENTIOMETER艾因TANDK7 0.4 Programmable Digital Thermostat and Thermometer DREHPOTENTIOMETER艾因KOHLE LIN220K 0.4 DREHPOTENTIOMETER EIN KOHLE LOG 4K7 0.4W DREHPOTENTIOMETER艾因KOHLE日志4K7 0.4
|
Vishay Intertechnology, Inc. TE Connectivity, Ltd. Glenair, Inc.
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
170M3171 170M4066 170M3216 170M3214 170M3019 170M6 |
ELECTRIC FUSE, 500A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 630A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 160A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 800A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 80A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
STD4NA40 STD4NA40-T4 STD4NA40-1 |
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.3A I(D) | TO-251
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|