PART |
Description |
Maker |
110MT160K 110MT160KB 110MT160MT 90MT80KB 110MT100K |
3 PHASE, 110 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 800V 3 Phase Bridge in a INT-A-Pak package THREE PHASE BRIDGE CAP 3300PF 100V 100V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 三相桥式 3 PHASE, 90 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE
|
IRF[International Rectifier] International Rectifier, Corp.
|
PSD16208 PSD16214 PSD16216 PSD16218 |
800 V three phase rectifier bridge 1400 V three phase rectifier bridge 1600 V three phase rectifier bridge 1800 V three phase rectifier bridge
|
POWERSEM
|
VUO105-14NO7 VUO105 VUO105-12NO7 VUO105-16NO7 VUO1 |
XTAL MTL T/H HC49/US 3 PHASE, 160 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Three Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Three Phase Diode Bridges
|
IXYS, Corp. IXYS Corporation
|
VUO120 VUO120-12NO1 VUO120-16NO1 VUO155 VUO155-12N |
Three Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Three Phase Diode Bridges Three Phase Rectifier Bridge 3 PHASE, 121 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 157 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 121 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 157 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE
|
http:// IXYS[IXYS Corporation] IXYS, Corp.
|
DBI25-16 DBI15-005 DBI15-01 DBI15-02 DBI15-04 DBI1 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE Three-Phase Si-Bridge Rectifiers 3 PHASE, 17 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 2.49K 1/10W 0.1% 0805
|
SEMIKRON[Semikron International]
|
RB154-BP RB15108 RB152-BP RB156-BP RB155-BP RB153- |
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECTIFIER BRIDGE 1.5A 200V RB-15 1.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
VUO52 VUO52-18NO1 VUO52-16NO1 VUO52-12NO1 |
Power Modules/Rectifier Bridge Modules: Three Phase Diode Bridges Three Phase Rectifier Bridge 3 PHASE, 54 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS Corporation IXYS, Corp.
|
VVZ12-16IO1 VVZ12-12IO1 VVZ12-14IO1 |
Three Phase Half Controlled Rectifier Bridge 12 A, 1600 V, SCR Three Phase Half Controlled Rectifier Bridge 12 A, 1400 V, SCR Power Modules/Rectifier Bridge Modules: Three Phase, Half-control Rectifier Bridges / Three Phase, Full-control
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
VTO39 VTO39-06HO7 VTO39-12HO7 VVZ39-12HO7 VTO39-08 |
Power Modules/Rectifier Bridge Modules: Three Phase, Half-control Rectifier Bridges / Three Phase, Full-control Three Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|