PART |
Description |
Maker |
SD2900 SD2902 SD2903 SD3932 SD3933 PD57002 PD84001 |
HF TO 2000 MHZ CLASS AB COMMON SOURCE - POWERSO-10RF
|
ETC[ETC]
|
VCO-S-A17 VCO-S-1000 VCO-S-2000 VCO-S-600 VCO225PA |
VCO, 180 MHz - 220 MHz VCO, 1000 MHz - 2000 MHz VCO, 2000 MHz - 3000 MHz VCO, 600 MHz - 1200 MHz VCO, 225 MHz - 450 MHz VCO, 1200 MHz - 2400 MHz
|
Synergy Microwave, Corp. SYNERGY MICROWAVE CORP
|
SD56120M SD2941-10 SD3933 |
HF to 2000 MHz Class AB Common Source - PowerSO-10RF 000 MHz的高AB类共 PowerSO - 10RF
|
Electronic Theatre Controls, Inc.
|
0510-50A |
50 W, 28 V, 500-1000 MHz common emitter transistor 50 Watts, 28 Volts, Class AB Defcom 500 - 1000 MHz TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3.7A I(C) | SOT-324VAR 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3.7AI(丙)|的SOT - 324VAR 500-1000 MHz, Class AB, Common Emitter; fO (MHz): 1000; P(out) (W): 50; P(in) (W): 10; Gain (dB): 7; Vcc (V): 28; ICQ (A): 0.1; Case Style: 55AV-2
|
GHZTECH[GHz Technology] MICROSEMI POWER PRODUCTS GROUP
|
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
DS-808-4 DS-808-4TNC DS-808-4SMA DS-808-4N DS-808- |
Broadband Eight -Way Power Divider, 20 - 2000 MHz 20 MHz - 2000 MHz RF/MICROWAVE SPLITTER, 3 dB INSERTION LOSS C-18 TNC
|
M/A-COM Technology Solutions, Inc.
|
MRF517 |
Small Signal, Up to 1 GHz, Class A, Common Emitter; fO (MHz): 0; fT (MHz): 3000; GNF (dB): 10; VCE (V): 15; IC (mA): 60; NF min (dB): 2.5; Case Style: TO-39 UHF BAND, Si, NPN, RF POWER TRANSISTOR, TO-39
|
Microsemi, Corp.
|
10A015 |
1.5 W, 20 V, 1000 MHz common emitter transistor 1.5 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHZTECH[GHz Technology]
|
10A030 |
3 W, 20 V, 1000 MHz common emitter transistor 3 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHz Technology ETC[ETC] List of Unclassifed Manufacturers
|
23A025 |
2.5 W, 20 V, 2300 MHz common emitter transistor 2.5 Watts, 20 Volts, Class A Linear to 2300 MHz TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 1.2A I(C) | FO-41BVAR
|
GHZTECH[GHz Technology]
|
ADRF6702 |
1200 MHz to 2400 MHz Quadrature Modulator with 1550 MHz to 2150 MHz Frac-N PLL
|
Analog Devices
|
MS3023 |
2.0 GHz, Class C, Common Base; fO (MHz): 0; P(out) (W): 3; P(in) (W): 0.5; Gain (dB): 7.8; Vcc (V): 28; Cob (pF): 9.5; Case Style: M210 L BAND, Si, NPN, RF POWER TRANSISTOR
|
Microsemi, Corp.
|
|