PART |
Description |
Maker |
218005P |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
http://
|
0213800P 0213001 0213002 0213004 0213005 0213016P |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
LITTELFUSE[Littelfuse]
|
239250 239200 239300 239_1 239001 239002 239003 23 |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
LITTELFUSE[Littelfuse]
|
218500 218125 218010 218016 218160 218032 |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse 5 × 20毫米时滞保险丝(斯洛文尼 Blo)保险丝
|
Littelfuse, Inc.
|
0213.250MXE- 0213.200MXEP 0213.315MXE- 0213.500MXE |
213 Series, 5 x 20 mm, Time-Lag (Slo-Blo?) Fuse 213 Series, 5 x 20 mm, Time-Lag (Slo-Blo?) Fuse
|
Littelfuse
|
239315P |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
Littelfuse
|
3AG8-R 2JS2-R 3JS2-R 2JS2.5-R 3JS2.5-R 2JS200-R 3J |
Time-lag Fuse Series Fuses, RoHS 1.5A 350V SLOW 2AG TIME LAG BLOW ELECTRIC FUSE, 1.5A, 350VAC, 140VDC, 100A (IR), INLINE/HOLDER Fuses, RoHS 2.5A 350V SB 2AG LEADED TIME LAG BLOW ELECTRIC FUSE, 2.5A, 350VAC, 140VDC, 100A (IR), THROUGH HOLE Fuses, RoHS 100mA 350V SLOW 2AG TIME LAG BLOW ELECTRIC FUSE, 0.1A, 350VAC, 140VDC, 100A (IR), INLINE/HOLDER Fuses, RoHS 300mA 350V SB 2AG LEADED TIME LAG BLOW ELECTRIC FUSE, 0.3A, 350VAC, 140VDC, 100A (IR), THROUGH HOLE Fuses, RoHS 1.25A 350V SLOW 2AG Time-lag Fuse Series
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
SI-3552 SI3552DV |
N-/P-Channel 30-V (D-S) Rated MOSFET N- and P-Channel 30-V (D-S) MOSFET Miniature 5x20mm Glass fuse; low breaking capacity; Time-lag; Voltage Rating: 250V; Current Rating: 2A; Characteristic: Time Lag N和P沟道30 V的(副)MOSFET
|
Vishay Siliconix Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
BK/C515-7-R |
FUSE 7.00A 125V T-LAG GLASS C515 TIME DELAY BLOW ELECTRIC FUSE, 7A, 125VAC, 400A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
012.MXP 02.5MXEP 01.6MXEP 004.MXP |
TIME LAG BLOW ELECTRIC FUSE, 12A, 250VAC, 250VDC, 1500A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 2.5A, 250VAC, 250VDC, 1500A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 1.6A, 250VAC, 250VDC, 1500A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 4A, 250VAC, 250VDC, 1500A (IR), INLINE/HOLDER
|
|
0034.6723 0034.6722 0034.6721 0034.6720 0034.6719 |
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 35 A
|
Schurter Inc.
|
00343401 |
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
|
Schurter Inc.
|
|