PART |
Description |
Maker |
M5L8279P-5 |
PROGRAMMABLE KEYBOARD/DISPLAY INTERFACE From old datasheet system KEYBOARD CONTROLLER,MOS,DIP,40PIN Programmable Keyboard / Display Interface
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor Mitsubishi Electric & Electronics USA
|
2-2WI-1200S16 2-2WI-1200 2-2WI-1200S-16 |
1600 V, 1290 A, 12.5 kA water cooled A.C.switch 水冷式交流开 Computer Keyboard; No. of Keys:104; Color:Beige; Output Type:PS/2 RoHS Compliant: Yes WATERCOOLEDA.C.SWITCH WATER COOLED A.C. SWITCH
|
POSEICO SPA PowerSemiconductors POSEICO[Power Semiconductors]
|
AU9432R2 |
Integrated single chip USB keyboard and 2 port hub controller Multimedia USB Keyboard Hu
|
Alcor Micro Corp
|
AT43USB325 |
Multimedia keyboard controller with embedded 4-port hub, 16 Kbytes of program memory, 4 programmable endpoints, 512 bytes of data SRAM and support for 20x8 keyboard matrix. Available in SRAM and Mask ROM versions.
|
Atmel
|
IXTH6N80 IXTM6N80 6N80 IXTM6N80A IXTH6N80A |
N-Channel Enhancement Mode 32-Bit Microcontroller IC; Controller Family/Series:(ARM9); Number of I/O Pins:24; ADC Channels:5; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 1; Number of PWM Channels:1; Clock Speed:200MHz; Interfaces:AC97, I2S, SPI, UART, USB
|
IXYS[IXYS Corporation] ETC[ETC]
|
NA30E930000L NA30E930100L |
PART NUMBER SEE PART NUMBER INFORMATION DESCRIPTION CM 37 90 DEGREE LOW PROFILE COVER
|
List of Unclassifed Man...
|
19-09-2127 |
Multipole Connector; Number of Contacts:12; Series:Standard .093"; Body Material:Nylon 6/6; Number of Rows:2 12 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
Z8614 |
KEYBOARD CONTROLLER (KBC? NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER (KBC⑩) NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER (KBC) NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER (KBC NMOS Z8 8-BIT MCU
|
Zilog, Inc.
|
1728720000 |
Terminal Block; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:2; Series:S2L; Operating Voltage:150V 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|