PART |
Description |
Maker |
200CNQ045 200CNQ040 200CNQ 200CNQ035 |
45V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package 40V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package 35V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package SCHOTTKY RECTIFIER SCHOTTKYRECTIFIER PLT LIGHT LENS 24 VAC/DC RED LED
|
IRF[International Rectifier] InternationalRectifier
|
209CNQ150 209CNQ 209CNQ135 |
SCHOTTKY RECTIFIER 肖特基整流器 135V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package 150V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package
|
International Rectifier, Corp. IRF[International Rectifier]
|
30SCLJQ060 |
30A 60V Hi-Rel Schottky Common Cathode Diode in a SMD-0.5 package SCHOTTKY RECTIFIER
|
International Rectifier
|
20CJQ060 20CJQ060TR |
60V 2A Schottky Common Cathode Diode in a SOT-223 package
|
International Rectifier
|
SBT150-06JS |
Schottky Barrier Diode (Twin Type - Cathode Common) 60V, 15A Rectifier
|
Sanyo Semicon Device
|
614-97-391-18-101-144 517-91-391-18-101-111 517-91 |
Pin grid array sockets and carrier with interstitial contact rows Solder tail 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY SINGLE 7.5A 50V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 40V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 45V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY SINGLE 7.5A 60V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 7.5A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 30V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 35V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
SBJ200-06J |
10 A, 60 V, SILICON, RECTIFIER DIODE, TO-220AB Schottky Barrier Diode (Twin Type ・ Cathode Common) 60V, 20A Rectifier
|
Sanyo Semicon Device
|
MBR20100CT MBR20100CT-1 MBR20090CT MBR20090CT-1 MB |
SCHOTTKY RECTIFIER 肖特基整流器 From old datasheet system RECTIFIER DIODES,COMMON CATHODE,SCHOTTKY,100V V(RRM),TO-220AB 100V 20A Schottky Common Cathode Diode in a TO-262 package 100V 20A Schottky Common Cathode Diode in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
201CNQ020 201CNQ030 200CNQ030 |
V(rwm): 20V; 200A schottky center tap rectifier module V(rwm): 30V; 200A schottky center tap rectifier module
|
International Rectifier
|
CDBZ3860L-HF |
Halogen Free Low VF Schottky Barrier, V-RRM=60V, V-R=60V, I-O=8A
|
Comchip Technology
|
2N3250 2N3250A 2N3251 2N3251A |
0.360W General Purpose PNP Metal Can Transistor. 40V Vceo, 0.200A Ic, 40 hFE. 0.360W General Purpose PNP Metal Can Transistor. 60V Vceo, 0.200A Ic, 40 hFE. 0.360W General Purpose PNP Metal Can Transistor. 40V Vceo, 0.200A Ic, 80 hFE. 0.360W General Purpose PNP Metal Can Transistor. 60V Vceo, 0.200A Ic, 90 hFE.
|
Continental Device India Limited
|