PART |
Description |
Maker |
MP2635GR |
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
|
Monolithic Power Systems Monolithic Power System...
|
ML4950 ML4950CS ML4950ES |
Adjustable Output / Low Current Single Cell Boost Regulator with Detect Adjustable Output, Low Current Single Cell Boost Regulator with Detect
|
Micro Linear Corporation
|
ILC6382 ILC6382CIR-33 ILC6382CIR-50 ILC6382CIR-ADJ |
1-CELL TO 3-CELL BOOST WITH TRUE LOAD DISCONNECT, 3.3V, 5V OR ADJUSTABLE OUTPUT 1节至3与真正的负载断开.3V或可调输V的电池升
|
IMPALA[Impala Linear Corporation]
|
SIP12501DMP-T1-E3 |
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
|
http:// Vishay Siliconix
|
MCP73826 MCP73826-4.1VCHTR MCP73826-4.2VCHTR |
Single Cell Lithium-Ion Charge Management Controller The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging ... The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. An overall system accuracy of 1% ensures that the cell capaci
|
Microchip Technology
|
AXP192 |
Enhanced single Cell Li-Battery and Power System Management IC
|
infinitrue
|
SIP12502DMP-20-E3 SIP12502DMP-33-E3 SIP12502DMP-50 |
500 mA - Fixed Output Boost Converter for Single or Dual Cell 0.5 A BATTERY CHARGE CONTROLLER, 375 kHz SWITCHING FREQ-MAX, DSO6
|
http:// Vishay Siliconix
|
LT1308IS8TRPBF |
Single Cell High Current Micropower 600kHz Boost DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
MIC915 MIC915BMM |
10000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 10000 SYSTEM GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN Dual 135MHz Low-Power Op Amp
|
Micrel Semiconductor,Inc.
|
LT1950 1950FS LT1950EGN LT1950IGN |
From old datasheet system Single Switch PWM Controller With Auxiliary Boost Converter
|
Linear Technology
|
ML4854 ML4854IT |
Adjustable / Low-Current / 2-Cell Boost Regulator with Shutdown and Low Battery Detect Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect Adjustable Low-Current 2-Cell Boost Regulator with Shutdown and Low Battery Detect
|
FAIRCHILD[Fairchild Semiconductor]
|