PART |
Description |
Maker |
PIC18C601 |
(PIC18C601 / PIC18C801) High-Performance ROM-less Microcontrollers
|
Microchip Technology
|
PIC18C801 PIC18C801E_L PIC18C801E_PT PIC18C801I_L |
High-Performance ROM-less Microcontrollers with External Memory Bus
|
MICROCHIP[Microchip Technology]
|
AT80C51RD2NBSP AT83C51RB2 AT83C51RC2 AT83C51RC3 AT |
From old datasheet system 80C51 High Performance ROM 8-bit Microcontroller
|
ATMEL[ATMEL Corporation]
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
MC33941EG MC33941R2 MC68HC711A0FN MC68HC811A0FN MC |
ELECTRIC FIELD IMAGING DEVICE ROM-based high-performance microcontrollers
|
Freescale Semiconductor, Inc
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
HCMS-39X6 HCMS-3906 HCMS-3907 HCMS-3916 HCMS-3917 |
HCMS-3977 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3976 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3967 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3966 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3917 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3916 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3907 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3906 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays 3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
ATF1502AS ATF1502AS-10AC44 ATF1502AS-10AI44 ATF150 |
High performance EEPROM CPDL, 70 MHz High Performance E2PROM CPLD
|
ATMEL[ATMEL Corporation]
|
ATF1500A ATF1500A-10AI ATF1500A-10JC ATF1500A-10JI |
High Performance E2 PLD FLASH PLD, 20 ns, PQCC44 High Performance E2 PLD FLASH PLD, 12 ns, PQCC44 High Performance E2 PLD FLASH PLD, 10 ns, PQCC44 Connector Cover; Enclosure Material:Thermoplastic; For Use With:Amphenol Tuchel Ecomate Male Receptacles RoHS Compliant: Yes Crimp Pin Contact; Series:44; Operating Temperature Range /-:-40 C to 125 C; Voltage Rating:205V RoHS Compliant: Yes
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|