PART |
Description |
Maker |
AQV202AX AQV102 AQV101AX |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp. PANASONIC CORP
|
AQV414EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
D2425F-10 H12D4840D D2440D |
IC,Normally-Open Panel-Mount Solid-State Relay,2-CHANNEL,M:HL048HD4.4 DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX RELAY, SOLID STATE DUAL 40A 240VAC DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc. CRYDOM CORP
|
PS7141L-1C PS7141-1C PS7141L-1C-E4 |
Solid State Relay OCMOS FET(固态继电器) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
NEC Corp.
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
TSS2J47 TSS2G45 TSS2G47 TSS2J45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR (TSS2x4x) TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor] http://
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
ASSR-4118 ASSR-4119 ASSR-4128 ASSR-4128-502E ASSR- |
Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35) Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35? Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35Ohm)
|
AVAGO TECHNOLOGIES LIMITED
|
TSZ1J2A45-N |
SOLID STATE AC RELAY OPTICALLY ISOLATED, NORMALLY OPEN DUAL IN ONE PACKAGE TYPE SSR TOSHIBA SOLID DTATD AC RELAY
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
KAQY212H |
SOLID STATE RELAY - MOSFET OUTPUT
|
COSMO[COSMO Electronics Corporation]
|
KAQV214H |
SOLID STATE RELAY - MOSFET OUTPUT
|
COSMO[COSMO Electronics Corporation]
|
KAQW212H |
SOLID STATE RELAY - MOSFET OUTPUT
|
COSMO[COSMO Electronics Corporation]
|