PART |
Description |
Maker |
PE-52627 PE-52629 PE-52625 PE-52649 PE-52628 PE-52 |
LTC1701 Evaluation Kit Standard Low Power Inductors - Switch Mode Power Converters and Ripple Filters LTC1773EMS Evaluation Kit LTC3401EMS10 Evaluation Kit LTC1876 Evaluation Kit LTC1960 Evaluation Kit LTC1700EMS Evaluation Kit 3.3V Micropower EIA/TIA-562 Transceiver LTC1771EMS8 Evaluation Kit 标准低功率电感器-开关电源转换器和过滤器纹波
|
Electronic Theatre Controls, Inc.
|
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|
PS205KVP8.2PF/-2PFR16 PS405KVP1000PF/-10N2200 PS20 |
CAPACITOR, CERAMIC, 0.0000082 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.001 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000033 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00033 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00039 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00047 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000047 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00002 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000022 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000027 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.0000056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.0000068 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00012 uF, CHASSIS MOUNT
|
Vishay Intertechnology, Inc.
|
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
25C320-E/ST 25C320T-/ST 25LC320T-/ST 25C320-/P 25C |
CMOS, 10-Bit A/D Converter with Track and Hold Evaluation Kit for the MAX1858, MAX1875, MAX1876 Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover Evaluation Kit for the MAX1774 SPI Serial EEPROM Evaluation Kit for the MAX1846, MAX1847 3µs, 12-Bit ADC Evaluation Kit for the MAX1776 SPI串行EEPROM
|
Microchip Technology, Inc.
|
CMR05C2R5DODP CMR04C2R5DODP CMR04F271GPCR CMR05C12 |
CAPACITOR, MICA, 500 V, 0.0000025 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 300 V, 0.00027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00016 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00013 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00018 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000062 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00039 uF, THROUGH HOLE MOUNT RADIAL LEADED CAP,Mica,6pF,500VDC,.5-pF Tol,.5 Tol,-200,200ppm-TC CAPACITOR, MICA, 500 V, 0.000006 uF, THROUGH HOLE MOUNT
|
Cornell Dubilier Electronics, Inc.
|
B37873K5473M60 B37873K5474M62 B37932K5223M60 B3793 |
CAPACITOR 47 NF 50V CAPACITOR 470 NF 50V CAPACITOR 22 NF 50V KONDENSATOR 100NF 50V CAPACITOR 220 NF 50V CAPACITOR 1 UF 50V 电容超滤50V CAPACITOR 1 PF 50V 电容公积0V
|
Motorola Mobility Holdings, Inc. EPCOS AG
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
CY3620 CY3620R62 |
Kit, Screwdriver Ratchet CPLD的设计套 WarpISR Design Kit for CPLDs
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CDR11BP100AGYS CDR11BP101AGYS CDR11BP102AGYS CDR11 |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.00001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.0001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.00075 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.000075 uF, SURFACE MOUNT CHIP CAP 2200PF 50V 5% X7R SMD-1111 WAFFLE-PAK BASE/BARR/SOLDER MICROWAVE R-MIL-PRF-55681 CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.0022 uF, SURFACE MOUNT
|
AVX, Corp.
|
9025 G10 |
Receiver, G18, 18 Module, with Slide Mounting Kit (slide kit required)
|
Virginia Panel Corporation
|
|