PART |
Description |
Maker |
STY60NA20 6123 |
N-CHANNEL 200V - 0.030 OHM - 60A - FAST POWER MOS TRANSISTOR N - CHANNEL 200V - 0.030ohm - 60 A - Max247 FAST POWER MOS TRANSISTOR From old datasheet system N - CHANNEL 200V - 0.030 - 60 A - Max247 FAST POWER MOS TRANSISTOR N-CHANNEL Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
APT20M13PVR |
POWER MOS V 200V 146A 0.013 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
ADPOW[Advanced Power Technology]
|
APT20M22B2VR |
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. 电源MOS V是一个高电压N新一代通道增强型功率MOSFET POWER MOS V 200V 100A 0.022 Ohm
|
Advanced Power Technology, Ltd.
|
APT20M18LVR APT20M18B2VR |
ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80% 电源MOS V是一个高电压N新一代通道增强型功率MOSFET Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 200V 100A 0.018 Ohm
|
Advanced Power Technology, Ltd. ADPOW[Advanced Power Technology]
|
APT20M20B2LL APT20M20LLL |
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Power MOS 7TM is a new generation of low loss/ high voltage/ N-Channel enhancement mode power MOSFETS. POWER MOS 7 200V 100A 0.020 Ohm
|
Advanced Power Technology Ltd.
|
APT20M16LFLL APT20M16B2FLL |
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Power MOS 7TM is a new generation of low loss/ high voltage/ N-Channel enhancement mode power MOSFETS. POWER MOS 7 200V 100A 0.016 Ohm
|
Advanced Power Technology Ltd.
|
IRFI9640 IRFI9640G |
Power MOSFET(Vdss=-200V Rds(on)=0.50ohm Id=-6.1A) Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A) Power MOSFET(Vdss=-200V/ Rds(on)=0.50ohm/ Id=-6.1A) -200V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFL210 IRFL210TR |
200V Single N-Channel HEXFET Power MOSFET in a SOT-223 package Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.96A)
|
International Rectifier
|
IRFB42N20D |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=200V/ Rds(on)max=0.055ohm/ Id=44A)
|
International Rectifier
|
IRFD9210 |
-200V Single P-Channel HEXFET Power MOSFET in a HEXDIP package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-0.40A)
|
International Rectifier
|
IRF9620S IRF9620STRL IRF9620STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V Rds(on)=1.5ohm Id=-3.5A) Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A) Power MOSFET(Vdss=-200V/ Rds(on)=1.5ohm/ Id=-3.5A)
|
IRF[International Rectifier]
|
IRF9610 |
-200V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A) Power MOSFET(Vdss=-200V/ Rds(on)=3.0ohm/ Id=-1.8A)
|
IRF[International Rectifier]
|