PART |
Description |
Maker |
CPH5504 |
High-Current Switching Applications 大电流开关应 NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
LTC1474CMS8TRPBF |
Low Quiescent Current High Efficiency Step-DownConverters 0.75 A SWITCHING REGULATOR, 0.75 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
2SD1049 |
TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT HIGH SPEED SWITCHING
|
Fuji Electric
|
2SD1049 |
TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT, HIGH SPEED SWITCHING
|
New Jersey Semi-Conductor Products, Inc.
|
2SD1049 |
TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT HIGH SPEED SWITCHING
|
FUJI[Fuji Electric]
|