PART |
Description |
Maker |
2SB1186A 2SD1763A 2SB1569 2SB1569A 2SD2400A 2SB123 |
POWER TRANSISTOR 功率晶体 Power Transistor (-160, -1.5A) From old datasheet system 1.5 A, 160 V, NPN, Si, POWER TRANSISTOR, TO-220FN
|
Rohm Co., Ltd. ROHM[Rohm]
|
HDM160GS16-2 |
160 X 160 Dots Graphic, Low Power w/Touch Screen
|
HANTRONIX[Hantronix,Inc]
|
G372A G935A |
35 A, 160 V, NPN, Si, POWER TRANSISTOR 55 A, 300 V, NPN, Si, POWER TRANSISTOR
|
SEMELAB LTD
|
SAP16NY SAP16NO SAP16N |
Darlington Transistor For Audio Amplifier With Temperature Compensation 15 A, 160 V, NPN, Si, POWER TRANSISTOR
|
SANKEN ELECTRIC CO LTD
|
MMBC1654N5LT3 MMBC1654N5LT1 |
50 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
Motorola Mobility Holdings, Inc.
|
LCD-160G160B |
160 x 160 Dots Graphic LCD
|
Vishay Intertechnology
|
LCD-160G160B |
160 x 160 Dots Graphic LCD
|
VISAY[Vishay Siliconix]
|
LCD160G160A |
160 x 160 Dots Graphic LCD
|
Vishay Siliconix
|
BCX55 BCX56 BCX55-16 BCX54 BCX54-10 BCX54-16 BCX56 |
General Purpose Transistors - SOT89; VCEO=60 V; hFE=100...250 General Purpose Transistors - SOT89; VCEO=80V; hFE=40...250 General Purpose Transistors - SOT89; VCEO=80V; hFE=63...160 General Purpose Transistors - SOT89; VCEO=60V; hFE=63...160 General Purpose Transistors - SOT89; VCEO=45V; hFE=63...160 NPN Silicon AF Transistors NPN AF硅晶体管 NPN Silicon AF Transistors
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
STI270N4F3 STB270N4F3 STB270N4F308 STP270N4F3 |
N-channel 40 V - 2.1 mΩ - 160 A - TO-220 - D2PAK - I2PAK STripFET Power MOSFET N-channel 40 V - 2.1 mヘ - 160 A - TO-220 - D2PAK - I2PAK STripFET⑩ Power MOSFET
|
STMicroelectronics
|
2SC3648-X-AB3-R 2SC3648G-X-AB3-R 2SC3648L-X-AB3-R |
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS 700 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR LEAD FREE PACKAGE-3
|
Unisonic Technologies Co., Ltd.
|