PART |
Description |
Maker |
MSK613-15 MSK613H |
Ultra Low Quiescent Current - ±10mA for High Voltage HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MAX900 MAX900ACPP MAX900ACWP MAX900AEPP MAX900AEWP |
High-Speed, Low-Power Voltage Comparators High-Speed Low-Power Voltage Comparators High-Speed / Low-Power Voltage Comparators Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
KTC4526 |
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING/ WIDE SOA)
|
KEC(Korea Electronics)
|
FAN7081MXGF085 FAN7081GF085 FAN7081MGF085 |
The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
|
Fairchild Semiconductor
|
AUIRS2112S |
The AUIRS2112S is a high voltage, high speed power MOSFET and IGBT driver with independent high- and lowside referenced output channels.
|
International Rectifier
|
2SK2508 SK2508 |
N CHANNEL MOS TYPE (HIGH SPEED/ HIGH VOLTAGE SWITCHING GEGULATOR AND DC-DC CONVERTER AND MOTOR APPLICATIONS) N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING GEGULATOR AND DC-DC CONVERTER AND MOTOR APPLICATIONS) HIGH SPEED HIGH VOLTAGE SWITCHING APPLICATIONS SWITCHING REGULATOR AND DC-DC CONVERTER AND MOTOR APPLICATION 高速,高电压开关应用开关稳压器和DC - DC转换器和电机的应
|
TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|
2SA1413-Z |
High Voltage: VCEO=-600V High speed:tr 1.0ìs Collector to Base Voltage VCBO -600 V
|
TY Semiconductor Co., Ltd
|
AT27BV256-90TI AT27BV256 AT27BV256-12JC AT27BV256- |
High Speed CMOS Logic Dual 4-Stage Binary Counters 14-SOIC -55 to 125 32K X 8 OTPROM, 150 ns, PDSO28 High Speed CMOS Logic Dual 4-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Input NOR Gates 14-PDIP -55 to 125 256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AT27BV040-15TC AT27BV040-15TI AT27BV040-15JI AT27B |
High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-TSSOP -55 to 125 4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
OP467GS-REEL |
18V; quad precision, high-speed operational amplifier. For high-speed image display drivers, high frequency active filters
|
Analog Devices
|
BAS20 BAS19 BAS21 Q62702-A95 Q62702-A113 Q62702-A7 |
Silicon Switching Diodes (High-speed/ high-voltage switch) From old datasheet system SILICON SWITCHING DIODES (HIGH-SPEED, HIGH-VOLTAGE SWITCH)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|